Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet (PDF) - STMicroelectronics

SPC58EE84E7 Datasheet PDF - STMicroelectronics
Part # SPC58EE84E7
Download  SPC58EE84E7 Download
File Size   3004.75 Kbytes
Page   154 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC58EE84E7 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC58EE84E7 Datasheet PDF - STMicroelectronics

Part # SPC58EE84E7
Download  SPC58EE84E7 Click to download

File Size   3004.75 Kbytes
Page   154 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC58EE84E7 Datasheet (HTML) - STMicroelectronics


SPC58EE84E7 Product details

Features
■ AEC-Q100 qualified
■ 32-bit Power Architecture VLE compliant CPU cores: – Three main CPUs, dual issue, 32-bit CPU core complexes (e200z4), two of them having one checker core in lock-step – Floating Point, End-to-End Error Correction
■ 6576 KB (6288 KB code flash + 288 KB data flash) on-chip flash memory: – supports read during program and erase operations, and multiple blocks allowing EEPROM emulation – Supports read while read between the two code Flash partitions.
■ 608 KB on-chip general-purpose SRAM (in addition to 160 KB core local data RAM)
■ 96-channel direct memory access controller (eDMA)
■ Comprehensive new generation ASIL-D safety concept: – ASIL-D of ISO 26262 – FCCU for collection and reaction to failure notifications – Memory Error Management Unit (MEMU) for collection and reporting of error events in memories – Cyclic redundancy check (CRC) unit
■ Dual-channel FlexRay controller
■ Hardware Security Module (HSM)
■ Junction temperature range -40 °C to 165 °C
■ GTM 343 - Generic Timer Module: – Intelligent complex timer module – 144 channels (40 input and 104 output) – 5 programmable fine grain multi-threaded cores – 24-bit wide channels
■ Enhanced analog-to-digital converter system with: – 1 supervisor 12-bit SAR analog converter – 4 separate fast 12-bit SAR analog converters – 3 separate 10-bit SAR analog converters, one with STDBY mode support – 6 separate 16-bit Sigma-Delta analog converters
■ Communication interfaces: – 18 LINFlexD modules – 10 deserial serial peripheral interface (DSPI) modules – 8 MCAN interfaces with advanced shared memory scheme and ISO CAN-FD support, one supporting time-triggered controller area network (TTCAN)
■ Two Ethernet controller 10/100 Mbps, compliant IEEE 802.3-2008
■ Flexible Power Supply options: – External Regulators (1.2 V core, 3.3 V–5 V IO) – Single internal SMPS regulator (eLQFP176) – Single internal Linear Regulator with external ballast (FPBGA292)
■ Nexus development interface (NDI) per IEEE- ISTO 5001-2003 standard, with some support for 2010 standard
■ Boot assist Flash (BAF) supports factory programming using a serial bootload through the asynchronous CAN or LIN/UART FPBGA292 (17 x 17 x 1.8 mm) eLQFP176 (24 x 24 x 1.4 mm) Known Good Die




Similar Part No. - SPC58EE84E7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC58EC80E1Q0C1X STMICROELECTRONICS-SPC58EC80E1Q0C1X Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC58EC80E5 STMICROELECTRONICS-SPC58EC80E5 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
SPC58EC80E5QMC1Y STMICROELECTRONICS-SPC58EC80E5QMC1Y Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
SPC58ECX STMICROELECTRONICS-SPC58ECX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC58EG80C3 STMICROELECTRONICS-SPC58EG80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results


Similar Description - SPC58EE84E7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com