Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 4Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 5Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 6Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 7Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 8Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 9Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 10Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 11Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 154 page
background image
Introduction
SPC58EEx, SPC58NEx
8/154
DS11646 Rev 4
1.4
Block diagram
Figure 1 and Figure 2 show the top-level block diagrams.
Interrupt controller
> 710 sources
ADC (SAR)
8
ADC (SD)
6
Temp. sensor
Yes
Self Test Controller
Yes
PLL
Dual PLL with FM
Integrated linear voltage regulator
Yes(1)
Integrated switch mode voltage
regulator (SMPS)
Yes(2)
External Power Supplies
3.3 V - 5 V, 1.2 V
Low Power Modes
Stop Mode
Halt Mode
Smart Standby with output controller, analog and digital
inputs(1)
Standby Mode(1)
1. Except eLQFP176.
2. Except LFBGA292.
Table 2. SPC58xEx feature summary (continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com