Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 14Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 15Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 16Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 17Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 18Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 19Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 20Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 21Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
18/154
DS11646 Rev 4
3.3
Operating conditions
Table 5 describes the operating conditions for the device, and for which all the specifications
in the data sheet are valid, except where explicitly noted. The device operating conditions
must not be exceeded or the functionality of the device is not guaranteed.
Table 5. Operating conditions
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
FSYS(2)
SR
P
Operating
system clock
frequency(3)
—
—
—
180
MHz
TJ
SR
C
Operating
Junction
temperature
Bare Die
–40
—
165
°C
TJ
SR
P
Operating
Junction
temperature
Packaged
Devices
–40
—
150
°C
TA
SR
P
Operating
Ambient
temperature
—
–40
—
125
°C
VDD_LV
SR
P
Core supply
voltage(4)
—1.14(5)
1.20
1.26(6) (7)
V
VDD_LV_BD
SR
P
Buddy core
supply voltage
—
1.20
—
1.32
V
VDD_HV_IO_MAIN
VDD_HV_IO_JTAG
VDD_HV_IO_FLEX
VDD_HV_FLA
VDD_HV_IO_BD
SR
P
IO supply
voltage
—
3.0
—
5.5
V
VDD_HV_ADV
SR
P
ADC supply
voltage
—3.0(8)
—5.5
V
VSS_HV_ADV-
VSS
SR
D
ADC ground
differential
voltage
—
–25
—
25
mV
VDD_HV_ADR_D
SR
P
SD ADC supply
reference
voltage
—3.0(8)
—5.5
V
VDD_HV_ADR_D-
VDD_HV_ADV
SR
D
SD ADC
reference
differential
voltage
——
—
25
mV
VSS_HV_ADR_D
SR
P
SD ADC
ground
reference
voltage
—VSS_HV_ADV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com