Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet(PDF) 92 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 88Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 89Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 90Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 91Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 92Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 93Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 94Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 95Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
92/154
DS11646 Rev 4
3.18
AC Specifications
All AC timing specifications are valid up to 150 °C, except where explicitly noted.
3.18.1
Debug and calibration interface timing
3.18.1.1
JTAG interface timing
Table 49. JTAG pin AC electrical characteristics
#
Symbol
C
Characteristic
Value(1),(2)
Unit
Min
Max
1tJCYC
CC D TCK cycle time
100
—
ns
2tJDC
CC T TCK clock pulse width
40
60
%
3tTCKRISE
CC D TCK rise and fall times (40%–70%)
—
3
ns
4tTMSS, tTDIS CC D TMS, TDI data setup time
5
—
ns
5tTMSH, tTDIH CC D TMS, TDI data hold time
5
—
ns
6tTDOV
CC D TCK low to TDO data valid
—
15(3)
ns
7tTDOI
CC D TCK low to TDO data invalid
0
—
ns
8tTDOHZ
CC D TCK low to TDO high impedance
—
15
ns
9tJCMPPW
CC D JCOMP assertion time
100
—
ns
10
tJCMPS
CC D JCOMP setup time to TCK low
40
—
ns
11
tBSDV
CC D TCK falling edge to output valid
—
600(4)
ns
12
tBSDVZ
CC D TCK falling edge to output valid out of high impedance
—
600
ns
13
tBSDHZ
CC D TCK falling edge to output high impedance
—
600
ns
14
tBSDST
CC D Boundary scan input valid to TCK rising edge
15
—
ns
15
tBSDHT
CC D TCK rising edge to boundary scan input invalid
15
—
ns
1. These specifications apply to JTAG boundary scan only. See Table 50 for functional specifications.
2. JTAG timing specified at VDD_HV_IO_JTAG = 4.0 to 5.5 V and max. loading per pad type as specified in the I/O section of the
datasheet.
3. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
4. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com