Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 32Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 33Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 34Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 35Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 36Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 37Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 38Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 39Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
36/154
DS11646 Rev 4
3.8.3
I/O pad current specifications
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is
associated to a VDD/VSS supply pair as described in the device pinout Microsoft Excel file
attached to the IO_Definition document.
Table 17 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment
should remain below the IRMSSEG maximum value.
In order to ensure device functionality, the sum of the dynamic and static current of the I/O
on a single segment should remain below the IDYNSEG maximum value.
Pad mapping on each segment can be optimized using the pad usage information provided
on the I/O Signal Description table.
Note:
In order to ensure correct functionality for SENT, the sum of all pad usage ratio within the
SENT segment should remain below 10%.
Table 17. I/O consumption
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
Average consumption(2)
IRMSSEG
SR
D
Sum of all the DC I/O current
within a supply segment
——
—
80
mA
IRMS_W
CC
D
RMS I/O current for WEAK
configuration
CL =25pF, 2MHz,
VDD =5.0 V ± 10 %
——
1.1
mA
CL =50pF, 1MHz,
VDD =5.0 V ± 10 %
——
1.1
CL =25pF, 2MHz,
VDD =3.3 V ± 10 %
——
1.0
CL =25pF, 1MHz,
VDD = 3.3 V ± 10%
——
1.0
IRMS_M
CC
D
RMS I/O current for MEDIUM
configuration
CL = 25 pF, 12 MHz,
VDD = 5.0 V ± 10%
——
5.5
mA
CL =50pF, 6MHz,
VDD = 5.0 V ± 10%
——
5.5
CL = 25 pF, 12 MHz,
VDD = 3.3 V ± 10%
——
4.2
CL =25pF, 6MHz,
VDD = 3.3 V ± 10%
——
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com