Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 70Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 71Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 72Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 73Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 74Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 75Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 76Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 77Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
74/154
DS11646 Rev 4
DCREF
CC D PLL reference clock duty cycle (CLKIN)
—
30
—
70
%
PN
CC D
Integrated phase noise (single side
band)
fRF_REF = 20 MHz
—
—
-58
dBc
fVCO
CC P
PLL VCO frequency
—
312
—
320(3) MHz
tLOCK
CC D
PLL phase lock
—
—
—
150(4)
µs
ΔPERREF SR
T
Input reference clock jitter (peak to peak)
Single period,
fRF_REF =20 MHz
——
350
ps
T
Long term,
fRF_REF =20 MHz
-500
—
500
ps
ΔPEREYE CC T
Output Eye Jitter (peak to peak)(5)
——
—
400
ps
1. The specifications in this table apply to both the interprocessor bus and debug LFAST interfaces.
2. If the input frequency is lower than 20 MHz, it is required to set a input division factor of 1.
3. The 320 MHz frequency is achieved with a 20 MHz reference clock.
4. The total lock time is the sum of the coarse lock time plus the programmable lock delay time 2 clock cycles of the peripheral
bridge clock that is connected to the PLL on the device (to set the PLL enable bit).
5. Measured at the transmitter output across a 100
Ω termination resistor on a device evaluation board. See Figure 12.
Table 36. LFAST PLL electrical characteristics(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com