Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84E7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC58EE84E7 Datasheet HTML 1Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 2Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 3Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 4Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 5Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 6Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 7Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 8Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
This is information on a product in full production.
July 2019
DS11646 Rev 4
1/154
SPC58EEx, SPC58NEx
32-bit Power Architecture microcontroller for automotive ASIL-D
applications
Datasheet
- production data
Features
• AEC-Q100 qualified
• 32-bit Power Architecture VLE compliant CPU
cores:
– Three main CPUs, dual issue, 32-bit CPU
core complexes (e200z4), two of them
having one checker core in lock-step
– Floating Point, End-to-End Error Correction
• 6576 KB (6288 KB code flash + 288 KB data
flash) on-chip flash memory:
– supports read during program and erase
operations, and multiple blocks allowing
EEPROM emulation
– Supports read while read between the two
code Flash partitions.
• 608 KB on-chip general-purpose SRAM (in
addition to 160 KB core local data RAM)
• 96-channel direct memory access controller
(eDMA)
• Comprehensive new generation ASIL-D safety
concept:
– ASIL-D of ISO 26262
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– Cyclic redundancy check (CRC) unit
• Dual-channel FlexRay controller
• Hardware Security Module (HSM)
• Junction temperature range -40 °C to 165 °C
• GTM 343 - Generic Timer Module:
– Intelligent complex timer module
– 144 channels (40 input and 104 output)
– 5 programmable fine grain multi-threaded
cores
– 24-bit wide channels
• Enhanced analog-to-digital converter system
with:
– 1 supervisor 12-bit SAR analog converter
– 4 separate fast 12-bit SAR analog
converters
– 3 separate 10-bit SAR analog converters,
one with STDBY mode support
– 6 separate 16-bit Sigma-Delta analog
converters
• Communication interfaces:
– 18 LINFlexD modules
– 10 deserial serial peripheral interface
(DSPI) modules
– 8 MCAN interfaces with advanced shared
memory scheme and ISO CAN-FD support,
one supporting time-triggered controller
area network (TTCAN)
• Two Ethernet controller 10/100 Mbps,
compliant IEEE 802.3-2008
• Flexible Power Supply options:
– External Regulators (1.2 V core, 3.3 V–5 V
IO)
– Single internal SMPS regulator
(eLQFP176)
– Single internal Linear Regulator with
external ballast (FPBGA292)
• Nexus development interface (NDI) per IEEE-
ISTO 5001-2003 standard, with some support
for 2010 standard
• Boot assist Flash (BAF) supports factory
programming using a serial bootload through
the asynchronous CAN or LIN/UART
FPBGA292 (17 x 17 x 1.8 mm)
eLQFP176 (24 x 24 x 1.4 mm)
Known Good Die
www.st.com


Similar Part No. - SPC58EE84E7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC58EC80E1Q0C1X STMICROELECTRONICS-SPC58EC80E1Q0C1X Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC58EC80E5 STMICROELECTRONICS-SPC58EC80E5 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
SPC58EC80E5QMC1Y STMICROELECTRONICS-SPC58EC80E5QMC1Y Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
SPC58ECX STMICROELECTRONICS-SPC58ECX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC58EG80C3 STMICROELECTRONICS-SPC58EG80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results

Similar Description - SPC58EE84E7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com