Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet (PDF) - Applied Motion Products, Inc.

HT17-075 Datasheet PDF - Applied Motion Products, Inc.
Part # HT17-075
Download  HT17-075 Download
File Size   75.62 Kbytes
Page   4 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC

HT17-075 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT17-075 Datasheet PDF - Applied Motion Products, Inc.

Part # HT17-075
Download  HT17-075 Click to download

File Size   75.62 Kbytes
Page   4 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC

HT17-075 Datasheet (HTML) - Applied Motion Products, Inc.


HT17-075 Product details

Features
• Programmable for stand alone operation with Applied
Motion’s easy to use Si Programmer™ Windows software
(software and programming cable included)
• Can be operated in real time from a host PC or PLC using Applied
Motion’s Si Command Language™ (SCL)
• Can be networked with all other Si™ products via Applied
Motion’s SiNet™ Hub
• DC bus voltage 24-80 VDC motor supply (including ripple)
• Software selectable from 0.8–7.0 amps/phase motor current
• Software selectable Step resolutions from 2,000 to 50,800
steps per revolution
• Software selectable idle current reduction 0%, 25%, 50%
or 100%
• 8 user programmable inputs
• 3 optically isolated 24 VDC outputs
• Short circuit and over temperature protection
• Communication via RS232
• 560 watts of usable power
• Screw terminal connector blocks for power and motor,
Wago cage clamp connector for I/O. RJ11 for RS232 port
• MOSFET, dual H-bridge, inaudible PWM amplifier
• 3 state, pulse width modulated current control, switching at
20–30 kHz
• Optional operator terminal (MMI) either standard or backlit
• Drives 4, 6 or 8 lead size 11, 14, 17, 23 and 34 step motors
• CE compliant
Description
The 7080i is a programming step motor driver suitable for a wide
range of motion control applications. It includes a sophisticated
controller integrated with a 560-watt microstepping amplifier.
The 7080i includes Applied Motion’s easy to use Si Programmer
™ Windows software for the rapid development of stand
alone motion control programs. The 7080i can also be commanded
in real time from a host PC or PLC, using the Si Command
Language™.
For multi-axis applications, up to eight Applied Motion Si™
drives (stepper or Servo) can be networked using a single
SiNet™ Hub.
The 7080i includes 8 programmable inputs for triggering,
branching, position sensing and end of travel detection. 3 optically
isolated programmable outputs can send signals to other
electronic devices and activate relays.
The 7080i is a PC board mounted on an aluminum angle heat
transfer chassis. Drive dimensions are 2˝ by 3˝ by 6˝.




Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
More results


Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
Microstepping motor drive with STM8A and STM8S microcontrollers
06-Jul-2010
logo
Applied Motion Products...
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
SI5580 AMP-SI5580 Datasheet
133Kb / 9P
Si5580 Programmable Step Motor Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com