Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32432 Datasheet (PDF) - Vishay Siliconix

SIP32432 Datasheet PDF - Vishay Siliconix
Part # SIP32432
Download  SIP32432 Download
File Size   434.62 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 pA, Ultra Low Leakage and Quiescent Current,

SIP32432 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32432 Datasheet PDF - Vishay Siliconix

Part # SIP32432
Download  SIP32432 Click to download

File Size   434.62 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 pA, Ultra Low Leakage and Quiescent Current,

SIP32432 Datasheet (HTML) - Vishay Siliconix


SIP32432 Product details

DESCRIPTION
The SiP32431 and SiP32432 are ultra low leakage and
quiescent current slew rate controlled high side switches
with reverse blocking capability. The switches are of a low
ON resistance p-channel MOSFET that supports continuous
current up to 1.4 A.
The SiP32431 and SiP32432 operate with an input voltage
from 1.5 V to 5.5 V.
The SiP32431 and SiP32432 feature low input logic level to
interface with low control voltage from microprocessors.
The SiP32431 is of logic high enable control, while SiP32432
is of logic low enable control. Both devices have a very low
operating current, typically 10 pA at 3.3 V power supply.
The SiP32431 and SiP32432 are available in lead (Pb)-free
package options including 6 pin SC-70-6, and 4 pin TDFN4
1.2 mm x 1.6 mm DFN4 packages. The operation
temperature range is specified from -40 °C to +85 °C.
The SiP32431 and SiP32432 compact package options,
operation voltage range, and low operating current make it
a good fit for battery power applications.

FEATURES
• 1.5 V to 5.5 V input voltage range
• No bias power rail required
• Low on-resistance RDS(on),
typically 105 m at 5 V and 135 m at 3 V
for TDFN4 1.2 mm x 1.6 mm package
• Typical 147 m at 5 V and 178 m at 3 V for
SC-70-6 package
• Slew rate controlled turn-on time: 100 μs
• Ultra low leakage and quiescent current:
- VIN quiescent current = 0.01 nA
- VIN shutdown leakage = 0.20 nA
• Reverse blocking capability
• SC-70-6 and TDFN4 1.2 mm x 1.6 mm packages
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Wireless sensor network
• Smart meters
• Wearable
• Internet of things
• Portable medical devices
• Security systems
• Battery powered devices
• Portable Instruments




Similar Part No. - SIP32432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32432DN VISHAY-SIP32432DN Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432DNP3-T1GE4 VISHAY-SIP32432DNP3-T1GE4 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432DR VISHAY-SIP32432DR Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432DR3-T1GE3 VISHAY-SIP32432DR3-T1GE3 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
More results


Similar Description - SIP32432

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
logo
Vishay Siliconix
SIP32431 VISHAY-SIP32431_V01 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com