Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet (PDF) - Sensirion AG Switzerland

SCD40-D-R2 Datasheet PDF - Sensirion AG Switzerland
Part # SCD40-D-R2
Download  SCD40-D-R2 Download
File Size   908.54 Kbytes
Page   22 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description Breaking the size barrier in CO2 sensing

SCD40-D-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD40-D-R2 Datasheet PDF - Sensirion AG Switzerland

Part # SCD40-D-R2
Download  SCD40-D-R2 Click to download

File Size   908.54 Kbytes
Page   22 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description Breaking the size barrier in CO2 sensing

SCD40-D-R2 Datasheet (HTML) - Sensirion AG Switzerland


SCD40-D-R2 Product details

Features

Photoacoustic sensor technology PASens®
Smallest form factor: 10.1 x 10.1 x 6.5 mm3
Reflow solderable for cost effective assembly
Large output range: 0 ppm – 40’000 ppm
Large supply voltage range: 2.4 – 5.5 V
High accuracy: ±(40 ppm + 5 %)
Digital I2C interface
Integrated temperature and humidity sensor
Low power operation down to < 0.4 mA avg.
@ 5 V, 1 meas. / 5 minutes




Similar Part No. - SCD40-D-R2

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
More results


Similar Description - SCD40-D-R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
Breaking capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
Sensirion AG Switzerlan...
SCD42 SENSIRION-SCD42 Datasheet
999Kb / 21P
Breaking the size barrier in CO2 sensing
Version 1 - March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com