Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SCD40-D-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
10/22
3.5.3
stop_periodic_measurement
Description: stop periodic measurement to change the sensor configuration or to save power. Note that the sensor will only
respond to other commands after waiting 500 ms after issuing the stop_periodic_measurement command.
Table 12: stop_periodic_measurement I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x3f86
-
-
-
-
500
Example: stop periodic measurement
Write
0x3f86
(hexadecimal)
Command
3.6 On-Chip Output Signal Compensation
The SCD4x features on-chip signal compensation to counteract pressure and temperature effects. Feeding the SCD4x with the
pressure or altitude enables highest accuracy of the CO2 output signal across a large pressure range. Setting the temperature
offset improves the accuracy of the relative humidity and temperature output signal. Note that the temperature offset does not
impact the accuracy of the CO2 output.
To change or read sensor settings, the SCD4x must be in idle mode. A typical sequence between the I2C master and the SCD4x
is described as follows:
1.
If the sensor is operated in a periodic measurement mode, the I2C master sends a stop_periodic_measurement
command.
2.
The I2C master sends one or several commands to get or set the sensor settings.
3.
If configurations shall be preserved after power-cycle events, the persist_settings command must be sent (see
chapter 3.9.1)
4.
The I2C master sends a start measurement command to set the sensor in the operating mode again.
3.6.1
s
et_temperature_offset
Description: The temperature offset has no influence on the SCD4x CO2 accuracy. Setting the temperature offset of the SCD4x
inside the customer device correctly allows the user to leverage the RH and T output signal. Note that the temperature offset
can depend on various factors such as the SCD4x measurement mode, self-heating of close components, the ambient
temperature and air flow. Thus, the SCD4x temperature offset should be determined inside the customer device under its typical
operation conditions (including the operation mode to be used in the application) and in thermal equilibrium. Per default, the
temperature offset is set to 4° C. To save the setting to the EEPROM, the persist setting (see chapter 3.9.1) command must be
issued. Equation (1) shows how the characteristic temperature offset can be obtained.
����������������������������_������������������������ = ����������������40 − ���������������������������������������� + ����������������������������_ ��������������������������������
(1)
Table 13: set_temperature_offset I2C sequence description
Write
(hexadecimal)
Input parameter: Offset temperature
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x241d
3
word[0] = Toffset [°C] * 216 / 175
-
-
1
Example: set temperature offset to 5.4 °C
Write
0x241d
0x07e6
0x48
(hexadecimal)
Command
Toffset = 5.4 °C
CRC of 0x7e6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com