Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 15 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 15 Page - Sensirion AG Switzerland

Back Button SCD40-D-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 19Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
15/22
3.9 Advanced Features
3.9.1
persist_settings
Description: Configuration settings such as the temperature offset, sensor altitude and the ASC enabled/disabled parameter
are by default stored in the volatile memory (RAM) only and will be lost after a power-cycle. The persist_settings command
stores the current configuration in the EEPROM of the SCD4x, making them persistent across power-cycling. To avoid
unnecessary wear of the EEPROM, the persist_settings command should only be sent when persistence is required and if actual
changes to the configuration have been made. The EEPROM is guaranteed to endure at least 2000 write cycles before failure.
Note that field calibration history (i.e. FRC and ASC, see chapter 3.7) is automatically stored in a separate EEPROM
dimensioned for the specified sensor lifetime.
Table 23: persist_settings I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x3615
-
-
-
-
800
Example: persist settings
Write
0x3615
(hexadecimal)
Command
3.9.2
get_serial_number
Description: Reading out the serial number can be used to identify the chip and to verify the presence of the sensor.
The get serial number command returns 3 words, and every word is followed by an 8-bit CRC checksum. Together, the 3 words
constitute a unique serial number with a length of 48 bits (big endian format).
Table 24: get_serial_number I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: serial number
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x3682
-
-
9
Serial number = word[0] <<
32 | word[1] << 16 | word[2]
1
Example: serial number is 273’325’796’834’238
Write
0x3682
(hexadecimal)
Command
Wait
1 ms
command execution time
Response
0xf896
0x31
0x9f07
0xc2
0x3bbe
0x89
(hexadecimal)
word[0]
CRC of 0xf896
word[1]
CRC of 0x9f07
word[2]
CRC of 0x3bbe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com