Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 21 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 21 Page - Sensirion AG Switzerland

Back Button SCD40-D-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 19Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 20Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 21Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 22Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
21/22
4.5 Soldering Instructions
For soldering, standard reflow soldering ovens may be used. The sensors are designed to withstand soldering profile according
to IPC/JEDEC J-STD-020 with a maximum peak temperature of 235°C during up to 30 sec for Pb-free assembly in IR/Convection
reflow ovens.
Note that due to the comparably large size of the SCD4x sensor significant temperature differences across the sensor element
can occur during reflow soldering. Specifically, the temperature within the sensor cap can be higher than the temperature
measured at the pad using usual temperature monitoring methods. Care must be taken that a temperature of 235° C is not
exceeded at any time in any part of the sensor.
Do not apply any board wash process step subsequently to the reflow soldering. Note that the dust cover on top of the cap must
not be removed or wetted with any liquid. Finally, the SCD4x is not compatible with vapor phase reflow soldering.
Average ramp-up rate
< 3 °C / second
Liquid phase
▪
TL
▪
tL
< 220 °C
< 60 seconds
Peak temperature
▪
TP
▪
tP
≤ 235 °C
< 30 seconds
Ramp-down rate
< 4 °C / seconds for
temperature > TL
Table 33 Soldering profile parameter
4.6 Traceability
All SCD4x sensors have a distinct electronic serial number for identification and traceability (see chapter 3.9.2). The serial
number can be decoded by Sensirion only and allows for tracking through production, calibration, and testing.
5 Ordering Information
Use the part names and product numbers shown in the following table when ordering the SCD4x CO2 sensor. For
the latest product information and local distributors, visit http://www.sensirion.com/.
Part Name
Description
Ordering quantity (pcs)
Product Number
SCD40-D-R2
SCD40 CO2 sensor SMD component as reel, I2C
600 sensors per reel
3.000.521
SCD40-D-R1
SCD40 CO2 sensor SMD component as reel, I2C
60 sensors per reel
3.000.496
SCD41-D-R2
SCD41 CO2 sensor SMD component as reel, I2C
600 sensors per reel
3.000.498
SCD41-D-R1
SCD41 CO2 sensor SMD component as reel, I2C
60 sensors per reel
3.000.497
SEK-SCD41-Sensor
SEK-SCD41-Sensor set; SCD41 on development
board with cables
1
3.000.455
SEK-SensorBridge
Sensor Bridge to connect SEK-SCD41-Sensor to
computer
1
3.000.124
Table 34 SCD4x ordering options
6 Revision History
Date
Version
Page(s)
Changes
January 2021
1
all
Initial release
April 2021
1.1
16 - 17
Adjustment max. command time self-test (chapter 3.9) and single shot (chapter
3.10), minor revisions on other pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com