Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SCD40-D-R2 Datasheet HTML 1Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 2Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 3Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 4Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 5Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
5/22
2.3 Interface Specifications
The SCD4x comes in an LGA package (Table 6). The package outline is schematically displayed in chapter 4.1. The landing
pattern of the SCD4x can be found in chapter 4.2.
Name
Comments
VDD
Supply voltage
VDDH
Supply voltage IR source, must
be connected to VDD on
customer PCB
GND
Ground contact
SDA
I2C Serial data, bidirectional
SCL
I2C Serial clock
DNC
Do not connect, pads must be
soldered to a floating pad on
the customer PCB
Table 6 Pin assignment (top view). The notched corner of the protection membrane serves as a
polarity mark to indicate pin 1 location.
VDD and VDDH are used to supply the sensor and must always be kept at the same voltage, i.e. should both be connected to
the same power supply. The combined maximum current drawn on VDD and VDDH is indicated in Table 4. Care should be
taken to choose a low noise power supply (preferably a low-dropout regulator, LDO, with output ripple of less than 30 mV p-p),
which is adequately dimensioned for the relatively large peak currents. Power supply configurations with large transient voltage
drops are to be avoided to ensure proper sensor operation.
SCL is used to synchronize the I2C communication between the master (microcontroller) and the slave (sensor). The SDA pin
is used to transfer data to and from the sensor. For safe communication, the timing specifications defined in the I2C manual12
must be met. Both SCL and SDA lines should be connected to external pull-up resistors (e.g. Rp = 10 kΩ, see Figure 1). To
avoid signal contention, the microcontroller must only drive SDA and SCL low. For dimensioning resistor sizes please take bus
capacity and communication frequency into account (see example in Section 7.1 of NXPs I2C Manual for more details10). It
should be noted that pull-up resistors may be included in I/O circuits of microcontrollers.
Figure 1: Typical application circuit (for better clarity in the image, the positioning of the pins does
not reflect the positions on the real sensor). VDD and VDDH must be connected to each other close
to the sensor on the customer PCB.
12
http://www.nxp.com/documents/user_manual/UM10204.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com