Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SCD40-D-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
12/22
3.6.5
set_ambient_pressure
Description: The set_ambient_pressure command can be sent during periodic measurements to enable continuous pressure
compensation. Note that setting an ambient pressure using set_ambient_pressure overrides any pressure compensation based
on a previously set sensor altitude.
Table 17: set_ambient_pressure I2C sequence description
Write
(hexadecimal)
Input parameter: Ambient pressure
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0xe000
3
word[0] = ambient P [Pa] /
100
-
-
1
Example: set ambient pressure to 98’700 Pa
Write
0xe000
0x03db
0x42
(hexadecimal)
Command
Ambient P = 98’700 Pa
CRC of 0x03db
3.7 Field Calibration
To realize high initial and long-term accuracy, the SCD4x includes two field calibration features. Forced recalibration (FRC)
enables restoring highest accuracy with the assistance of a CO2 reference value immediately. Typically, FRC is applied to
compensate for drifts originating from the sensor assembly process or other extensive stresses. Automatic self-calibration (ASC)
ensures highest long-term stability of the SCD4x without the need of manual action steps from the user. The automatic self-
calibration algorithm assumes that the sensor is exposed to the atmospheric CO2 concentration of 400 ppm at least once per
week.
3.7.1
perform_forced_recalibration
Description: To successfully conduct an accurate forced recalibration, the following steps need to be carried out:
1.
Operate the SCD4x in the operation mode later used in normal sensor operation (periodic measurement, low power
periodic measurement or single shot) for > 3 minutes in an environment with homogenous and constant CO2
concentration.
2.
Issue stop_periodic_measurement. Wait 500 ms for the stop command to complete.
3.
Subsequently issue the perform_forced_recalibration command and optionally read out the FRC correction (i.e. the
magnitude of the correction) after waiting for 400 ms for the command to complete.
• A return value of 0xffff indicates that the forced recalibration has failed.
Note that the sensor will fail to perform a forced recalibration if it was not operated before sending the command. Please make
sure that the sensor is operated at the voltage desired for the application when applying the forced recalibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com