Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SCD40-D-R2 Datasheet HTML 1Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 2Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 3Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 4Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 5Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
3/22
1 Sensor Performance
1.1 CO2 Sensing Performance
Default conditions of 25 °C, 50 % RH, ambient pressure 1013 mbar, default periodic measurement and 3.3 V supply voltage
apply to values in the table below, unless otherwise stated.
Parameter
Conditions
Value
CO2 output range1
-
0 – 40’000 ppm
SCD40 CO2 measurement accuracy2
400 ppm – 2’000 ppm
± (50 ppm + 5% of reading)
SCD41 CO2 measurement accuracy2
400 ppm – 5’000 ppm
± (40 ppm + 5% of reading)
Repeatability
Typical
± 10 ppm
Response time3
τ63%, typical
60 s
Accuracy drift per year with automatic self-
calibration algorithm enabled4
Typical
± (5 ppm + 0.5 % of reading)
Table 1: SCD40 and SCD41 CO2 sensor specifications
1.2 Humidity Sensing Performance5
Parameter
Conditions
Value
Humidity measurement range
-
0 %RH – 100 %RH
Accuracy (typ.)
15 °C – 35 °C, 20 %RH – 65 %RH
± 6 % RH
-10 °C – 60 °C, 0 %RH – 100 %RH
± 9 % RH
Repeatability
Typical
± 0.4 %RH
Response time3
τ63%, typical
90 s
Accuracy drift
-
< 0.25 %RH / year
Table 2: SCD4x humidity sensor specifications
1.3 Temperature Sensing Performance5
Parameter
Conditions
Value
Temperature measurement range
-
- 10°C – 60°C
Accuracy (typ.)
15 °C – 35 °C
± 0.8 °C
-10 °C – 60 °C
± 1.5 °C
Repeatability
-
± 0.1°C
Response time3
τ63%, typical
120 s
Accuracy drift
-
< 0.03 °C / year
Table 3: SCD4x temperature sensor specifications
1
Exposure to CO2 concentrations smaller than 400 ppm can affect the accuracy of the sensor if the automatic self-calibration (ASC) is on.
2
Deviation to a high-precision reference. Accuracy is fulfilled by > 90% of the sensors after calibration. Rough handling, shipping and soldering reduces the accuracy of the
sensor. Accuracy is restored with FRC or ASC recalibration features. Accuracy is based on tests with gas mixtures having a tolerance of ± 1.5%.
3
Time for achieving 63% of a respective step function when operating the SCD41 Evaluation Kit with default measurement mode. Response time depends on design-in,
signal update rate and environment of the sensor in the final application.
4
For proper function of ASC field-calibration algorithm SCD4x has to be exposed to air with CO2 concentration 400 ppm regularly. Maximum accuracy drift per year estimated
from stress tests is ± (5 ppm + 2 % of reading). Higher drift values may occur if the sensor is not handled according to its handling instructions.
5
Design-in of the SCD4x in final application, self-heating of the sensor and the environment impacts the accuracy of the RH/T sensor. To realize indicated specifications, the
temperature-offset of the SCD4x inside the customer device must be set correctly (see chapter 3.6). Best RH/T accuracy is realized when operating the SCD4x in low power
periodic measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com