Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD40-D-R2 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SCD40-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD40-D-R2 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SCD40-D-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 19Page - Sensirion AG Switzerland SCD40-D-R2 Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
16/22
3.9.3
perform_self_test
Description: The perform_self_test feature can be used as an end-of-line test to check sensor functionality and the customer
power supply to the sensor.
Table 25: perform_self_test I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: sensor status
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x3639
-
-
3
word[0] = 0 → no malfunction detected
word[0] ≠ 0 → malfunction detected
10000
Example: perform self-test, no malfunction detected
Write
0x3639
(hexadecimal)
Command
Wait
10000 ms
command execution time
Response
0x0000
0x81
(hexadecimal)
No malfunction detected
CRC of 0x0000
3.9.4
perfom_factory_reset
Description: The perform_factory_reset command resets all configuration settings stored in the EEPROM and erases the
FRC and ASC algorithm history.
Table 26: perform_factory_reset I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x3632
-
-
-
-
1200
Example: perform factory reset
Write
0x3632
(hexadecimal)
Command
3.9.5
reinit
Description: The reinit command reinitializes the sensor by reloading user settings from EEPROM. Before sending the reinit
command, the stop measurement command must be issued. If the reinit command does not trigger the desired re-initialization,
a power-cycle should be applied to the SCD4x.
Table 27: reinit I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x3646
-
-
-
-
20
Example: reinit
Write
0x3646
(hexadecimal)
Command re-initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com