Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02 Datasheet (PDF) - STMicroelectronics

STNRGPF02 Datasheet PDF - STMicroelectronics
Part # STNRGPF02
Download  STNRGPF02 Download
File Size   1005.89 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-channel interleaved PFC driver with embedded digital inrush current limiter function

STNRGPF02 Datasheet (PDF)

Go To PDF Page Download Datasheet
STNRGPF02 Datasheet PDF - STMicroelectronics

Part # STNRGPF02
Download  STNRGPF02 Click to download

File Size   1005.89 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-channel interleaved PFC driver with embedded digital inrush current limiter function

STNRGPF02 Datasheet (HTML) - STMicroelectronics


STNRGPF02 Product details

Features
• Embedded digital inrush current limiter function
• Interleaved PFC digital controller
• Two interleaved channels PFC
• Continuous conduction mode
• Fixed frequency operation
• Average current mode control
• Mixed signal architecture
• Soft start-up management
• Burst mode support
• Load feed forward
• Input voltage feed forward
• Channel current balance function
• Programmable phase shedding
• Status indicator signaling for cooling system, PFC Fault and PFC OK
• Configurable driver by means of dedicated graphic tool
• Programmable fast overcurrent and thermal protection
• Serial communication port available for:
– Device programming;
– Monitoring of the PFC parameters
• Suitable for >600 W applications:
– Welding, air conditioner
– Industrial motors
– UPS, chargers, high power systems
• Customizable firmware
• Configuration via eDesign suite
• Embedded memory
– Program memory: 32 Kbytes flash
– Data retention 15 years at 85 °C after 10 kcycles at 25 °C
– Data memory: 1 Kbyte true data E2PROM; data retention: 15 years at 85
°C after 100 kcycles at 85 °C
– Flash and E2PROM with read while write (RWW) and error correction code
(ECC)
– RAM: 6 Kbytes
• Communication interfaces
– UART asynchronous protocol for bootloader support and monitoring of the
PFC parameters
• Operating temperature: -40 °C up to 105 °C

Description
The STNRGPF02/12 embed the Inrush Current Limiter function.
STNRGPF12 features a digital inrush current control generating two PWM’s signals
in order to drives the input semi-controlled bridge.
STNRGPF02 embeds inrush current control function setting high a signal that is used
to short a resistive element.




Similar Part No. - STNRGPF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
STNRGPF01TR STMICROELECTRONICS-STNRGPF01TR Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
More results


Similar Description - STNRGPF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
STMicroelectronics
STEVAL-IPFC12V1 STMICROELECTRONICS-STEVAL-IPFC12V1 Datasheet
364Kb / 9P
2 kW two-channel interleaved PFC reference design based on the STNRGPF12 digital controller with digital inrush current control
August 2019
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com