Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 4 Page - STMicroelectronics

  STNRGPF02 Datasheet HTML 1Page - STMicroelectronics STNRGPF02 Datasheet HTML 2Page - STMicroelectronics STNRGPF02 Datasheet HTML 3Page - STMicroelectronics STNRGPF02 Datasheet HTML 4Page - STMicroelectronics STNRGPF02 Datasheet HTML 5Page - STMicroelectronics STNRGPF02 Datasheet HTML 6Page - STMicroelectronics STNRGPF02 Datasheet HTML 7Page - STMicroelectronics STNRGPF02 Datasheet HTML 8Page - STMicroelectronics STNRGPF02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Figure 1. STNRGPF02: Inrush current limiter with resistor in series to output capacitor
VAC
S1
C
R
The switch S1 can be a silicon device as Triac or a mechanical switch of a relay.
1.1.2
Inrush current limiter function with controlled bridge (STNRGPF12 only)
The second method to control the charge current of output capacitor is to replace the input bridge rectifier with a
controlled one, The STNRGPF12 modulates progressively the conduction time of the switches S1 and S2 in order
to charge smoothly the output capacitor avoiding overcurrent’s in the systems. One implementation of this method
circuit may use Silicon Controlled Rectifier (SCR) and the circuit in figure 2 is shown. The high side of input
rectifier bridge it’s composed by SCR’s S1, S2 and the low side are diodes
Figure 2. STNRFPF12: Inrush current limiter with controlled rectifier bridge
VAC
C
S1
S2
This methodology can be applied only when an inductor is present on the line. In this case an inductor is already
present because the application is an Interleaved PFC.
STNRGPF02, STNRGPF12
Inrush current limiter function description
DS12895 - Rev 2
page 4/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com