Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 8Page - STMicroelectronics STNRGPF02 Datasheet HTML 9Page - STMicroelectronics STNRGPF02 Datasheet HTML 10Page - STMicroelectronics STNRGPF02 Datasheet HTML 11Page - STMicroelectronics STNRGPF02 Datasheet HTML 12Page - STMicroelectronics STNRGPF02 Datasheet HTML 13Page - STMicroelectronics STNRGPF02 Datasheet HTML 14Page - STMicroelectronics STNRGPF02 Datasheet HTML 15Page - STMicroelectronics STNRGPF02 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Figure 11. Driving & interleaving
Once the device is programmed as soon as the device is supplied the following sequence to generate the PWM
starts:
•
Pin n. 2 emits CLOCK signal at selected switching frequency. This pin must be connected to ENABLE pin (n.
6) and the clock signal will be internally used in order to enable the PWM GENERATION block. The
ENABLE signal moreover is used to avoid undesired commutations also when high level of noise is present.
•
The PWM0 signal trigger the SYNCR pin (pin 7) and internally the SET GENERATOR BLOCK will generate
the SET pulse with an out of phase of 180º (for a correct interleaving) respect the PWM0 signal. The SET
will fix the “ON” instant of PWM1 signal.
•
The SET signal comes out from the SET_O pin and will enter in the SET inputs (pin 18 SET_I) of an internal
FLIP FLOP.
The internal FLIP FLOP receives the SET from pin 18 and the RESET signal from PWM GENERATOR BLOCK
and in this way it is able to generate the PW1 with the right out of phase respect to PWM0. The PWM1 comes out
from the pin 16 “PWM1”.
3.5
Programming section
Device programming is done by using: a PC with a dedicated loader software (STSW-STNRGPF01), a FTDI
cable and an adapter board (See Figure 12.)
STNRGPF02, STNRGPF12
Programming section
DS12895 - Rev 2
page 12/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com