Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 3 Page - STMicroelectronics

  STNRGPF02 Datasheet HTML 1Page - STMicroelectronics STNRGPF02 Datasheet HTML 2Page - STMicroelectronics STNRGPF02 Datasheet HTML 3Page - STMicroelectronics STNRGPF02 Datasheet HTML 4Page - STMicroelectronics STNRGPF02 Datasheet HTML 5Page - STMicroelectronics STNRGPF02 Datasheet HTML 6Page - STMicroelectronics STNRGPF02 Datasheet HTML 7Page - STMicroelectronics STNRGPF02 Datasheet HTML 8Page - STMicroelectronics STNRGPF02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
General description
The STNRGPFx2 are digital controllers designed specifically for interleaved CCM boost PFC topologies in high
power applications and embed the Inrush current limiter function.
The Interleaving technique splits the PFC management into two or more parallel channels depending on the load
condition. The driving signal will be out of phase of a proper value.
This phase shift will be calculated basing on the number of paralleled channels according to the following formula:
Equation 1
Pℎase sℎift= 360°
number of cℎannels
The benefits of the interleaved topology, compared to traditional single stage PFC, are measured in terms of
reduction of EMI filter and inductor volume, and a reduction of rms capacitor current.
The STNRGPFx2 contain all the control functions for designing a high efficiency-mode power supply with
sinusoidal line current consumption.
They work in CCM, fixed frequency with average current mode control, implementing a mixed signal (analog/
digital) control joining the advantages of very high-end digital solution without typical limits of analog ones.
In the mixed signal approach, the inner current loop is performed in hardware realizing an analog Proportional-
Integral (PI) compensator, and the outer voltage loop is performed by a digital PI controller with fast dynamic
response.
The STNRGPFx2 can be configured by a dedicated software tool (eDesignSuite) in order to be customized for a
specific application. So, the user has to open the software tool, enters the converter specs and runs the
configurator. The results will be: Schematic, BoM, and Binary code containing the parameters calculated by the
tool.
The binary code can be downloaded into the STNRGPFx2 through the programming software STSW-
STNRGPF01 (by means serial interface) having a customized device that can be used like analog device ready to
use in application.
1.1
Inrush current limiter function description
The STNRGPFx2 devices have the Inrush Current Limiter function embedded. As soon as power supplies are
connected to AC line, they are subject to short-duration, high amplitude, input current called “Inrush Current”. The
inrush current continues until the voltage across the internal capacitors reaches approximately the peak amplitude
of the input AC line. If uncontrolled, the inrush current can damage the components of the power supply. Several
solutions can be adopted to limit this current and STNRGPFx2 devices are able to manage two control methods.
1.1.1
Inrush current limiter function with resistive element (STNRGPF02 only)
One method to limit the Inrush Current is to add a resistive element R (resistors, thermistors, etc.) in series with
DC capacitors. Figure 1 shows one implementation of this technique. As soon as the capacitor C is charged, no
current flows, and the STNRGPF02 will do the ON signal to switch S1 in order to short R. In this way the losses
during normal operation are minimized.
STNRGPF02, STNRGPF12
General description
DS12895 - Rev 2
page 3/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com