Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 3Page - STMicroelectronics STNRGPF02 Datasheet HTML 4Page - STMicroelectronics STNRGPF02 Datasheet HTML 5Page - STMicroelectronics STNRGPF02 Datasheet HTML 6Page - STMicroelectronics STNRGPF02 Datasheet HTML 7Page - STMicroelectronics STNRGPF02 Datasheet HTML 8Page - STMicroelectronics STNRGPF02 Datasheet HTML 9Page - STMicroelectronics STNRGPF02 Datasheet HTML 10Page - STMicroelectronics STNRGPF02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Figure 5. Voltage loop and current reference
The output of digital PI is the peak current reference. In order to obtain a sinusoidal current reference Ipk_ref is
multiplied by a Look-Up Table (LUT). The LUT is synchronized with the Input voltage thanks to the ZVD signal
(pin 17). The output of multiplier is a PWM signal having sinusoidal Duty Cycle that is configured on Pin 4 SIN
REF.
An Analog filter is used to obtain the final sinusoidal current reference for the external current loop (Itot_ref). The
analog current PI compare the reference Itot_ref with the total input current feedback (Itot_fb) and generate the
duty cycle wave for PWM modulation. The master PWM signal is obtained by comparing (COMP2,3) the output of
current PI (pin 24, pin 25) with a triangular wave (pin 26) at switching frequency (see Section 3.3 Analog
comparators section and Section 3.4 PWM Section: driving & interleaving).
3.2
Measurements section
The STNRGPFx2 include 4 input measurements channels. These inputs are defined from Pin 31 to Pin 38 and
they are below specified.
Pin 31. Vin_L1: AC Input Voltage measurement Line 1
Pin 32. Temp: ambient temperature.
Pin 33. Iout: PFC output current.
Pin 34. Vout: PFC output voltage.
Pin 35. I[0]: RMS current channel [0]
Pin 36. I[1]: RMS current channel [1]
Pin 38 AVin_L2: AC Input Voltage measurement Line 2
3.2.1
AC input voltage measurement
The STNRGPFx2 have two dedicated pin’s, Pin 31 and Pin 38, for AC RMS line voltage measurement. The
devices, by means two resistor dividers, measures simultaneously the instantaneous voltage on both pins,
performs the difference between them and calculate the rms value (see Figure 1 Vin_fb signal). Vin_fb (RMS AC
input voltage) is used for the following functions:
a) Normal operation. It’s used to generate the sinusoidal current reference signal.
b) AC input voltage variation. This signal is used to implements the Input Voltage Feed Forward that
modifies the vo ltage PI output compensating rapidly the effect of the line voltage changes. See Figure 6
STNRGPF02, STNRGPF12
Measurements section
DS12895 - Rev 2
page 7/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com