Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 1 Page - STMicroelectronics

  STNRGPF02 Datasheet HTML 1Page - STMicroelectronics STNRGPF02 Datasheet HTML 2Page - STMicroelectronics STNRGPF02 Datasheet HTML 3Page - STMicroelectronics STNRGPF02 Datasheet HTML 4Page - STMicroelectronics STNRGPF02 Datasheet HTML 5Page - STMicroelectronics STNRGPF02 Datasheet HTML 6Page - STMicroelectronics STNRGPF02 Datasheet HTML 7Page - STMicroelectronics STNRGPF02 Datasheet HTML 8Page - STMicroelectronics STNRGPF02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Features
Embedded digital inrush current limiter function
Interleaved PFC digital controller
Two interleaved channels PFC
Continuous conduction mode
Fixed frequency operation
Average current mode control
Mixed signal architecture
Soft start-up management
Burst mode support
Load feed forward
Input voltage feed forward
Channel current balance function
Programmable phase shedding
Status indicator signaling for cooling system, PFC Fault and PFC OK
Configurable driver by means of dedicated graphic tool
Programmable fast overcurrent and thermal protection
Serial communication port available for:
Device programming;
Monitoring of the PFC parameters
Suitable for >600 W applications:
Welding, air conditioner
Industrial motors
UPS, chargers, high power systems
Customizable firmware
Configuration via eDesign suite
Embedded memory
Program memory: 32 Kbytes flash
Data retention 15 years at 85 °C after 10 kcycles at 25 °C
Data memory: 1 Kbyte true data E2PROM; data retention: 15 years at 85
°C after 100 kcycles at 85 °C
Flash and E2PROM with read while write (RWW) and error correction code
(ECC)
RAM: 6 Kbytes
Communication interfaces
UART asynchronous protocol for bootloader support and monitoring of the
PFC parameters
Operating temperature: -40 °C up to 105 °C
Description
The STNRGPF02/12 embed the Inrush Current Limiter function.
STNRGPF12 features a digital inrush current control generating two PWM’s signals
in order to drives the input semi-controlled bridge.
Product status link
STNRGPF02
STNRGPF12
Product summary
Package
Part number
TSSOP38
STNRGPF02
TSSOP38
STNRGPF12
Product label
2-channel interleaved PFC driver with embedded digital inrush current limiter
function
STNRGPF02, STNRGPF12
Datasheet
DS12895 - Rev 2 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STNRGPF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
STNRGPF01TR STMICROELECTRONICS-STNRGPF01TR Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
More results

Similar Description - STNRGPF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
STMicroelectronics
STEVAL-IPFC12V1 STMICROELECTRONICS-STEVAL-IPFC12V1 Datasheet
364Kb / 9P
2 kW two-channel interleaved PFC reference design based on the STNRGPF12 digital controller with digital inrush current control
August 2019
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com