Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1504 Datasheet (PDF) - ams AG

AS1504 Datasheet PDF - ams AG
Part # AS1504
Download  AS1504 Download
File Size   279.61 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset

AS1504 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1504 Datasheet PDF - ams AG

Part # AS1504
Download  AS1504 Click to download

File Size   279.61 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset

AS1504 Datasheet (HTML) - ams AG


AS1504 Product details

General Description

The AS1504/AS1505 are low-power (5µA @ 5V) individually programmable 8-channel, 8-bit resolution digital-to-analog converters. All eight DACs share a common reference-voltage input making them ideal for applications where adjustments start at a nominal voltage.



Key Features

8 Individually-Controlled DACs

Replaces 8 Potentiometers

Standard 3-Wire Serial Interface

Single-Supply Operation: +3 to +5V

Mid-Scale Reset Pin (AS1504)

Separate VREFLRange Setting (AS1505)

Shutdown Mode: ≤25µW (IDDand IREF)

Power-On Reset

16-pin SOIC-150 Package



Applications

The devices are ideal for video amplifier gain control, video equipment voltage-controlled frequencies and bandwidths, CRT display geometric corrections and automatic adjustments, or any other space-limited DAC application with low power-consumption requirements.




Similar Part No. - AS1504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS150 ETC-AS150 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
MotionKing Motor Indust...
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
logo
Pentair Equipment Prote...
AS150 HOFFMANPRODUCTS-AS150 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Astrodyne Corporation
AS150-12 ASTRODYNE-AS150-12 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
AS150-15 ASTRODYNE-AS150-15 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
More results


Similar Description - AS1504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8801 AD-AD8801 Datasheet
213Kb / 16P
Octal 8-Bit TrimDAC with Power Shutdown
REV.A
logo
Linear Technology
LTC1665 LINER-LTC1665 Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Maxim Integrated Produc...
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
MAX528 MAXIM-MAX528 Datasheet
651Kb / 16P
Octal, 8-Bit, Serial DACs with Output Buffer
Rev 2; 5/94
logo
Analog Devices
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803 AD-AD8803_15 Datasheet
216Kb / 16P
Octal 8-Bit TrimDAC with Power Shutdown
REV. A
logo
Linear Technology
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs
04/18-REV.D
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com