Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1504 Datasheet(PDF) 9 Page - ams AG

Part # AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Datasheet(HTML) 9 Page - ams AG

Back Button AS1504 Datasheet HTML 5Page - ams AG AS1504 Datasheet HTML 6Page - ams AG AS1504 Datasheet HTML 7Page - ams AG AS1504 Datasheet HTML 8Page - ams AG AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG AS1504 Datasheet HTML 12Page - ams AG AS1504 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
9 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
The AS1504 provides a mid-scale reset activated by pin RSN which simplifies settings on initial power up. The AS1505
has a high- and low-side reference (pins VREFH and VREFL) to determine independent positive full-scale and zero-scale
settings to optimize resolution. -
Both devices feature a power-on reset which resets them to mid-scale.
Both models feature a low-power shutdown mode which places the device into low power-consumption mode resulting
in only leakage currents being consumed from the power supply, VREFx inputs, and all 8 outputs. In shutdown mode the
DACx latch settings are maintained. When returning to normal operation from shutdown mode, the DACx outputs
return to their previous voltage settings.
Figure 13. Serial Data Input Timing Diagram; RSN = 1
Figure 14. Reset Timing Diagram
Table 5. AS1504/AS1505 Serial Data Word Format
Address Bits
Data Bits
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
tCL
tCSH
tCH
tDS
tCS1
tCSW
tS
± 1 LSB Error Band
SDI
CLK
CSN
Ax or Dx
Ax or Dx
1
0
1
0
1
0
+5V
0V
± 1 LSB
tDH
tCSS
VOUT
VOUT
+5V
+2.5V
± 1 LSB Error Band
± 1 LSB
RSN
1
0
tRS
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com