Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1504 Datasheet(PDF) 7 Page - ams AG

Part # AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Datasheet(HTML) 7 Page - ams AG

Back Button AS1504 Datasheet HTML 3Page - ams AG AS1504 Datasheet HTML 4Page - ams AG AS1504 Datasheet HTML 5Page - ams AG AS1504 Datasheet HTML 6Page - ams AG AS1504 Datasheet HTML 7Page - ams AG AS1504 Datasheet HTML 8Page - ams AG AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
7 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
Pin Assignments
7 Pinout
Pin Assignments
Figure 10. Pin Assignments (Top View)
Pin Descriptions
Table 4. Pin Descriptions
Pin Number
Pin Name
Description
(see Figure 10)
CLK
Serial Clock Input
. Positive-edge triggered.
CSN
Chip Select
. When this active-low pin goes high, the serial input register data is
decoded based on the address bits and loaded into the target DAC register.
GND
Ground
OUT1
DAC 1 Output
. DAC 1 address = 0002.
OUT2
DAC 2 Output
. DAC 1 address = 0012.
OUT3
DAC 3 Output
. DAC 1 address = 0102.
OUT4
DAC 4 Output
. DAC 1 address = 0112.
OUT5
DAC 5 Output
. DAC 1 address = 1002.
OUT6
DAC 6 Output
. DAC 1 address = 1012.
OUT7
DAC 7 Output
. DAC 1 address = 1102.
OUT8
DAC 8 Output
. DAC 1 address = 1112.
RSN
Reset
(AS1504 Only). Active-low asynchronous reset to mid-scale output setting.
Loads all DAC latches with 80h.
SDI
Serial Data Input
SHDNN
Shutdown
. Active-low reference input open-circuit. All DAC outputs open-circuit.
Note:
DAC latch settings are maintained during shutdown.
VDD
Positive Supply Voltage
. +3 to +5V.
VREFH
Common High-Side DAC Reference Input
VREFL
Common Low-Side DAC Reference Input
(AS1505 Only).
1
VREFH
AS1504
2
OUT1
3
OUT2
4
OUT3
5
OUT4
6
SHDNN
7
CSN
16
VDD
15
RSN
14
OUT8
13
OUT7
12
OUT6
11
OUT5
10
SDI
9
CLK
8
GND
1
VREFH
AS1505
2
OUT1
3
OUT2
4
OUT3
5
OUT4
6
SHDNN
7
CSN
16
VDD
15
OUT8
14
OUT7
13
OUT6
12
OUT5
11
SDI
10
CLK
9
VREFL
8
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com