Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1504 Datasheet(PDF) 10 Page - ams AG

Part # AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Datasheet(HTML) 10 Page - ams AG

Back Button AS1504 Datasheet HTML 6Page - ams AG AS1504 Datasheet HTML 7Page - ams AG AS1504 Datasheet HTML 8Page - ams AG AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG AS1504 Datasheet HTML 12Page - ams AG AS1504 Datasheet HTML 13Page - ams AG AS1504 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
10 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
Programming The Output Voltage
Figure 15. Equivalent DAC Circuit
Programming The Output Voltage
The output voltage range is determined by the external reference connected to pins VREFH and VREFL (see Figure 15
on page 10 for a simplified diagram of the equivalent DAC circuit).
VREFL for the AS1504 is internally connected to GND and therefore cannot be offset. Pin VREFH can be tied to VDD and
pin VREFL can be tied to GND establishing a basic rail-to-rail output voltage programming range. Other output ranges
are established by the use of different external voltage references.
The programmed output voltage is determined as:
VOUT (Dx) = (Dx)/256 x (VREFH – VREFL) + VREFL
(EQ 2)
Where:
Dx is the data contained in the 8-bit DACx latch.
For example, when VREFH = +5V and VREFL = 0V the output voltages will be generated per the codes listed in Table 6.
Reference Inputs
The reference input pins (VREFH and VREFL) set the output voltage range of all eight DACs. For the AS1504, only pin
VREFH is available to establish a programmable full-scale output voltage.
Note:
The external reference voltage can be any value between 0 and VDD but must not exceed VDD.
The AS1505 uses pin VREFL to establish the zero-scale output voltage. Any voltage can be applied between 0 and
VDD. VREFL can be smaller or larger than VREFH since the DAC design uses fully bi-directional switches as shown in
Figure 15. The input resistance to the DAC has a code dependent variation that has a nominal worst case measured at
55h, which is approximately 2kΩ. When VREFH is greater than VREFL, the REFL reference must be able to sink current
out of the DAC ladder, while the REFH reference is sourcing current into the DAC ladder. The DAC design minimizes
reference glitch current, thus maintaining minimum interference between DAC channels during code changes.
Table 6. Output Voltages
Data Bits
VOUTx
Output State (VREFH = +5V, VREFL = 0V)
255
4.98V
Full-Scale
128
2.50V
Half-Scale (Mid-Scale Reset Value)
1
0.02V
1 LSB
0
0.00V
Zero-Scale
GND
DAC
Register
D7
D6
D0
VREFL
VREFH
LSB
MSB
P CH
N CH
2R
2R
2R
2R
R
R
To other DACs
Ox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com