Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1504 Datasheet(PDF) 11 Page - ams AG

Part # AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Datasheet(HTML) 11 Page - ams AG

Back Button AS1504 Datasheet HTML 7Page - ams AG AS1504 Datasheet HTML 8Page - ams AG AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG AS1504 Datasheet HTML 12Page - ams AG AS1504 Datasheet HTML 13Page - ams AG AS1504 Datasheet HTML 14Page - ams AG AS1504 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
11 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
DAC Outputs
DAC Outputs
The 8 DAC outputs (OUT1:OUT8) present a constant output resistance of approximately 5k
Ω independent of code set-
tings. The distribution of ROUT from DAC to DAC typically matches within ±1%. Device-to-device matching is process-
lot dependent with a ±20% variation. The change in ROUT with temperature has a 500 ppm/°C temperature coefficient.
Note:
During shutdown the OUTx outputs are open-circuited.
Serial Interface
The AS1504/AS1505 are controlled via a standard three-wire serial input. The three input pins are CLK, CSN and SDI.
The positive-edge sensitive CLK input requires a clean transition to avoid clocking spurious data into the serial input
register (standard logic families are perfectly adequate). If mechanical switches are used for device evaluation, they
should be de-bounced by a flip-flop or other suitable means.
Figure 11 on page 8 shows details of the internal digital circuitry. When CSN is pulled low, the clock can load data into
the serial register on each positive clock edge (see Table 7).
The data setup and data hold times in Table 3 on page 3 determine the valid data time requirements. The last 11 bits of
the data word entered into the serial register are held when CSN goes high. When CSN goes high it gates the address
decoder which enables one of the eight positive-edge triggered DAC registers (see Figure 16).
Figure 16. Equivalent Control Logic
The target DAC register is loaded with the last eight bits of the serial data word completing one DAC update. To
change all eight output settings, eight separate 11-bit data words must be clocked in to the device.
Note:
All digital inputs (CSN, SDI, RSN, SHDNN, and CLK) are protected with the series input resistor and parallel
zener diode ESD circuit illustrated in Figure 17.
Figure 17. Equivalent ESD Protection Circuit
Note:
Digital inputs can be driven by voltages exceeding VDD thus providing logic level translation from 5V logic when
the device is operated from a 3V supply.
Table 7. Function of Pins CSN and CLK
CSN
CLK
Register Activity
1
X
No effect.
0
Positive Edge Shifts serial register one bit loading the next bit in from the SDI pin.
Positive Edge
X
Data is transferred from the serial register to the decoded DAC register (see Figure
16).
Address
Decode
DAC1
Serial
Register
DAC2
DAC8
SDI
CLK
CSN
AS1504/
AS1505
Logic
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com