Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64060Q Datasheet (PDF) - Diodes Incorporated

AP64060Q Datasheet PDF - Diodes Incorporated
Part # AP64060Q
Download  AP64060Q Download
File Size   1465.23 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION

AP64060Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP64060Q Datasheet PDF - Diodes Incorporated

Part # AP64060Q
Download  AP64060Q Click to download

File Size   1465.23 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION

AP64060Q Datasheet (HTML) - Diodes Incorporated


AP64060Q Product details

Features
- AEC-Q100 Qualified with the Following Results
- Device Temperature Grade 1: -40°C to +125°C TA Range
- Device HBM ESD Classification Level H2
- Device CDM ESD Classification Level C5
- VIN 4.5V to 40V
- 600mA Continuous Output Current
- Less than 0.1% Output Ripple at 12V
- 90μA Low Quiescent Current (Pulse Frequency Modulation)
- 2.2MHz Switching Frequency
- Supports Pulse Frequency Modulation (PFM)
- Proprietary Gate Driver Design for Best EMI Reduction
- Precision Enable Threshold to Adjust UVLO
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- Output Overvoltage Protection (OVP)
- Cycle-by-Cycle Peak Current Limit
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP64060Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- 5V, 12V, and 24V distributed power bus supplies
- eMeter
- Automotive
- White goods and small home appliances
- FPGA, DSP and ASIC supplies
- General purpose point of load




Similar Part No. - AP64060Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64060Q DIODES-AP64060Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64060QWU-7 DIODES-AP64060QWU-7 Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
More results


Similar Description - AP64060Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63200 DIODES-AP63200 Datasheet
703Kb / 18P
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev 2
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
40V, 600MA, 1MHz synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
AP63356 DIODES-AP63356 Datasheet
1Mb / 29P
3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 August 2019
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com