Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

138AML Datasheet (PDF) - Vishay Siliconix

138AML Datasheet PDF - Vishay Siliconix
Part # 138AML
Download  138AML Download
File Size   245.69 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial Miniature, Long-Life

138AML Datasheet (PDF)

Go To PDF Page Download Datasheet
138AML Datasheet PDF - Vishay Siliconix

Part # 138AML
Download  138AML Click to download

File Size   245.69 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial Miniature, Long-Life

138AML Datasheet (HTML) - Vishay Siliconix


138AML Product details

FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case, insulated
with a blue sleeve
(case Ø 6.3 mm x 12.7 mm and 7.7 mm x 12.7 mm are
molded with flame retardant plastic material)
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 mm x 30 mm available for
automatic insertion
• Charge and discharge proof
• Long useful life: 2000 h to 10 000 h at 105 °C, high
reliability
• High ripple current capability
• Miniaturized, high CV-product per unit volume
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 138AML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML Datasheet
154Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
25-Oct-06
138AML VISHAY-138AML Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
138AML VISHAY-138AML Datasheet
246Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Jan-17
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
15-Oct-08
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
More results


Similar Description - 138AML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML Datasheet
154Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
25-Oct-06
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
15-Oct-08
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Jan-17
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
12-May-2021
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Aug-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com