Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

138AML Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 3 Page - Vishay Siliconix

  138AML Datasheet HTML 1Page - Vishay Siliconix 138AML Datasheet HTML 2Page - Vishay Siliconix 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
3
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Note
• For detailed tape dimensions refer to packaging information: www.vishay.com/doc?28361
Fig. 5 - Mounting hole diagram and outline; Form MR: With mounting ring and pins
Table 2
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
AXIAL: FORM AA, BA, AND BR
MASS
(g)
PACKAGING QUANTITIES
Ø d
I
Ø Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BA
FORM
BR
6.3 x 12.7
(2)
0.6
-
6.5
12.9
17.5
 1.1
-
1000
1000
7.7 x 12.7
(3)
0.6
-
7.9
12.9
17.5
1.3
-
500
500
6.5 x 18
4
0.8
-
6.9
18.5
25
1.3
-
1000
1000
8 x 18
5
0.8
-
8.5
18.5
25
1.7
-
500
500
10 x 18
6
0.8
-
10.5
18.5
25
2.5
-
500
500
10 x 25
7
0.8
-
10.5
25.5
30
 3.3
-
500
500
10 x 30
00
0.8
55 ± 1
10.5
30.5
35
4.8
340
-
500
12.5 x 30
01
0.8
55 ± 1
13.0
30.5
35
 7.4
260
-
400
15 x 30
02
0.8
55 ± 1
15.5
30.5
35
 11.7
200
-
250
18 x 30
03
0.8
55 ± 1
18.5
30.5
35
12.9
120
-
-
18 x 38
04
0.8
34 ± 1
18.5
39.5
44
 19.0
125
-
-
21 x 38
05
0.8
34 ± 1
21.5
39.5
44
 24.0
100
-
-
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Dmax.
Ø D2max.
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
11.7
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
 12.9
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
 19.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
24.0
100
D3
120 °C
(3 x)
d2
-
1.3 + 0.1
0
(3 x)
1.05 + 0.03
- 0.1
3.6 + 0.2
- 0.2
(3 x)
1.3 + 0
(3 x)
Mounting holes
90° ± 2°
(3 x)
- 0.05
Case Ø D x L = 15 mm x 30 mm to 21 mm x 38 mm
Especially for applications with severe shocks and vibrations
Ø d1
D
L
Ø D2
1
+ 1.0
- 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com