Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

138AML Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix 138AML Datasheet HTML 10Page - Vishay Siliconix 138AML Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
7
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 8 - Typical multiplier of capacitance as a function of frequency
Fig. 9 - Typical multiplier of ESR as a function of
ambient temperature
Fig. 10 - Typical multiplier of ESR as a function of
ambient temperature
Fig. 11 - Typical multiplier ESR as a function of frequency
105
10
4
10
3
102
f (Hz)
C
0
C
C
0 = Typical at 20 °C, 100 Hz
1.2
1.0
0.8
0.6
0.4
0.2
2
1
10
Curve 1: 10 V
Curve 2: 100 V
1
10
0
50
100
- 50
ESR
0
ESR
10
2
10
-1
Case Ø D x L = 6.3 mm x 12.7 mm to 10 mm x 25 mm
ESR
0 = Typical ESR at 20 °C, 100 Hz
2
1
2
1
T
amb (°C)
Curve 1: 50 V
Curve 2: 6.3 V; 63 V; 100 V
- 60
- 40
- 20
0
20
40
60
80
100
120
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
ESR
0 = Typical ESR at 20 °C, 100 Hz
T
amb (°C)
1
10
10- 1
ESR
0
ESR
105
10
4
10
3
102
f (Hz)
Case Ø D x L = 6.3 mm x 12.7 mm to 10 mm x 25 mm
ESR
0 = Typical at 20 °C, 100 Hz
10
2
1
0
1
2
1
2
ESR
0
ESR
Curve 1: 6.3 V
Curve 2: 100 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com