Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

138AML Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix 138AML Datasheet HTML 10Page - Vishay Siliconix 138AML Datasheet HTML 11Page - Vishay Siliconix 138AML Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
8
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 12 - Typical multiplier ESR as a function of frequency
IMPEDANCE (Z)
Table 4
Fig. 13 - Typical multiplier of ESR as a function of
ambient temperature at 10 kHz
Fig. 14 - Typical impedance as a function of frequency
IMPEDANCE VS. CAPACITANCE VALUES (Case Ø D x L = 6.3 mm x 12.7 mm to 10 mm x 25 mm)
Tamb
Z x CR ( x μF) AT 10 kHz
6.3 V
10 V
16 V
25 V
40 V
50 V
63 V
100 V
+20 °C
300
 200
 160
120
90
70
 80
 80
-25 °C
2000
 1200
750
560
 450
 300
 550
 550
-40 °C
 5500
 3200
 2000
 1500
 1200
 900
 1500
 1500
105
10
4
10
3
102
f (Hz)
Case Ø D x L = 10 x 30 to 21 x 38 mm
ESR
0 = typical ESR at 20 °C, 100 Hz
10
2
1
0
1
2
1
2
ESR
0
ESR
Curve 1: 10 V
Curve 2: 100 V
10
-2
10
1
10
-1
Z
0
Z
- 60
- 40
- 20
0
20
40
60
80
100
120
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
T
amb (°C)
106
105
10
4
10
3
102
f (Hz)
Case Ø D x L = 6.3 mm x 12.7 mm to 6.5 mm x 18 mm
T
amb (°C)
10
3
10
2
10
1
10
-1
Z
( )
Ω
3
4
5
6
7
8
1
2
Curve 1: 10 µF, 63 V
Curve 2: 10 µF, 50 V
Curve 3: 22 µF, 63 V
Curve 4: 47 µF, 25 V
Curve 5: 100 µF, 16 V
Curve 6: 100 µF, 25 V
Curve 7: 220 µF, 10 V
Curve 8: 470 µF, 6.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com