Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

138AML Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 4 Page - Vishay Siliconix

  138AML Datasheet HTML 1Page - Vishay Siliconix 138AML Datasheet HTML 2Page - Vishay Siliconix 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
4
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 3 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 138 series
470 μF / 10 V; ± 20 %
Nominal case size: Ø 8 mm x 18 mm; Form BA
Ordering code: MAL213834471E3
Former 12 NC: 2222 138 34471
Table 3
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105
C
IL5
Max. leakage current after 5 min at UR
tan
Max. dissipation factor at 100 Hz
ESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz or 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
Z
100 kHz
(
)
ORDERING CODE MAL2138.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
6.3
100
6.3 x 12.7
99
5.3
0.24
3.800
3.000
1.800
-
23101E3
33101E3
-
220
7.7 x 12.7
160
6.8
0.24
1.700
1.400
0.950
-
23221E3
33221E3
-
470
6.5 x 18
250
9.9
0.24
0.810
0.640
0.500
-
23471E3
33471E3
-
1000
10 x 18
430
17
0.24
0.380
0.300
0.240
-
23102E3
33102E3
-
2200
10 x 25
640
32
0.29
0.210
0.180
0.150
-
23222E3
33222E3
-
10
150
7.7 x 12.7
140
7.0
0.2
2.100
1.300
0.950
-
24151E3
34151E3
-
220
6.5 x 18
190
8.4
0.2
1.400
0.910
0.500
-
24221E3
34221E3
-
470
8 x 18
300
13
0.2
0.680
0.430
0.350
-
24471E3
34471E3
-
1000
10 x 25
520
24
0.2
0.320
0.200
0.160
-
24102E3
34102E3
-
1500
10 x 30
670
34
0.28
0.320
0.260
0.260
14152E3
24152E3
-
-
2200
12.5 x 30
890
48
0.29
0.220
0.190
0.190
14222E3
24222E3
-
-
3300
15 x 30
1140
70
0.30
0.160
0.130
0.150
14332E3
24332E3
-
44332E3
4700
18 x 30
1450
98
0.33
0.120
0.110
0.130
14472E3
-
-
44472E3
6800
18 x 38
1880
140
0.34
0.085
0.074
0.110
14682E3
-
-
44682E3
10 000
18 x 38
1980
200
0.41
0.070
0.062
0.100
14103E3
-
-
44103E3
15 000
21 x 38
2200
300
0.55
0.063
0.058
0.099
14153E3
-
-
44153E3
16
22
6.3 x 12.7
58
4.7
0.12
8.700
7.300
2.700
-
25229E3
35229E3
-
47
6.3 x 12.7
83
5.5
0.16
5.400
3.400
1.900
-
25479E3
35479E3
-
100
7.7 x 12.7
130
7.2
0.16
2.500
1.600
1.000
-
25101E3
35101E3
-
220
8 x 18
230
11
0.16
1.200
0.730
0.350
-
25221E3
35221E3
-
470
10 x 18
360
19
0.16
0.540
0.340
0.250
-
25471E3
35471E3
-
1000
10 x 30
630
36
0.20
0.340
0.270
0.260
15102E3
25102E3
-
-
1500
12.5 x 30
860
52
0.20
0.230
0.190
0.190
15152E3
25152E3
-
-
2200
15 x 30
1090
74
0.21
0.170
0.140
0.150
15222E3
25222E3
-
45222E3
3300
18 x 30
1420
110
0.24
0.120
0.100
0.130
15332E3
-
-
45332E3
4700
18 x 30
1480
150
0.28
0.100
0.090
0.120
15472E3
-
-
45472E3
6800
18 x 38
1930
220
0.28
0.072
0.062
0.100
15682E3
-
-
45682E3
10 000
21 x 38
2100
320
0.38
0.065
0.057
0.098
15103E3
-
-
45103E3
25
10
6.3 x 12.7
46
4.5
0.09
14.000
12.000
2.800
-
26109E3
36109E3
-
22
6.3 x 12.7
61
5.1
0.14
10.000
5.500
2.500
-
26229E3
36229E3
-
47
7.7 x 12.7
96
6.4
0.14
4.700
2.600
1.000
-
26479E3
36479E3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com