Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet (PDF) - Texas Instruments

DRA821U2...ALM Datasheet PDF - Texas Instruments
Part # DRA821U2...ALM
Download  DRA821U2...ALM Download
File Size   4453.74 Kbytes
Page   252 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRA821 Jacinto™ Processors

DRA821U2...ALM Datasheet (PDF)

Go To PDF Page Download Datasheet
DRA821U2...ALM Datasheet PDF - Texas Instruments

Part # DRA821U2...ALM
Download  DRA821U2...ALM Click to download

File Size   4453.74 Kbytes
Page   252 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRA821 Jacinto™ Processors

DRA821U2...ALM Datasheet (HTML) - Texas Instruments


DRA821U2...ALM Product details

1 Features
Processor cores:
• Dual 64-bit Arm® Cortex®-A72 microprocessor
subsystem at up to 2.0 GHz, 24K DMIPS
– 1MB L2 shared cache per dual-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per A72
core
• 4× Arm® Cortex®-R5F MCUs at up to 1.0 GHz with
optional lockstep operation, 8K DMIPS
– 32K I-Cache, 32K D-Cache, 64K L2 TCM
– 2× Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– 2× Arm® Cortex®-R5F MCUs in general
compute partition
Memory subsystem:
• 1MB of On-Chip L3 RAM with ECC and coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• External Memory Interface (EMIF) module with
ECC
– Supports LPDDR4 memory types that comply
with the JESD209-4B specification. (No support
for byte mode LPDDR4 memories, or memories
with more than 17 row address bits)
– Supports speeds up to 3200 MT/s
– 32-bit and 16-bit data bus with inline ECC bus
up to 12.8GB/s
• General-Purpose Memory Controller (GPMC)
• 512KB on-chip SRAM in MAIN domain, protected
by ECC
Virtualization:
• Hypervisor support in Arm® Cortex®-A72
• Independent processing subsystems with Arm®
Cortex®-A72, Arm® Cortex®-R5F with isolated
safety MCU island
• IO virtualization support
– Peripheral Virtualization Unit (PVU) for low
latency high bandwidth peripheral traffic
• Multi-region firewall support for memory and
peripheral isolation
• Virtualization support with Ethernet, PCIe, and
DMA
• Device security (on select part numbers):
• Secure boot with secure runtime support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 and IEC 61508 functional safety system
design up to ASIL-D/SIL-3 targeted
– Systematic capability up to ASIL-D/SIL-3
targeted
– Hardware integrity up to ASIL-D/SIL-3 targeted
for MCU Domain
– Hardware integrity up to ASIL-D/SIL-3 targeted
for Extended MCU (EMCU) portion of the Main
Domain
– Hardware integrity up to ASIL-B/SIL-2 targeted
for remainder of the Main Domain
– FFI isolation provided between EMCU and the
remainder of the Main Domain
– Safety-related certification
• ISO 26262 and IEC 61508 planned
• AEC-Q100 qualified on part number variants
ending in Q1
• High-speed interfaces:
– Integrated Ethernet TSN/AVB switch supporting
up to 4 (DRA821U4) or 2 (DRA821U2) external
ports:
• One port supports 5Gb, 10Gb USXGMII/XFI
• All ports support 2.5Gb SGMII
• All ports support 1Gb SGMII/RGMII
• DRA821U4: Any single port can support
QSGMII (using all 4 internal ports)
• Non-blocking wire-rate store and forward
switch
• InterVLAN (Layer3) routing support
• Time synchronization support with IEEE
1588(annex D,E,F)
• TSN/AVB support for traffic scheduling,
shaping
• Port mirroring feature for debug and
diagnostics
• Policing and rate limiting support
– One RGMII/RMII port in safety MCU island
• One PCI-Express® Gen3 controller
– Gen1, Gen2, and Gen3 operation with autonegotiation
– 4× lanes
• One USB 3.1 Gen1 dual-role device subsystem
– Supports type-C switching
– Independently configurable as USB host, USB
peripheral, or USB dual-role device
Automotive interfaces:
• Twenty CAN-FD ports
• 12× Universal Asynchronous Receiver/Transmitter
(UART)
• 11× Serial Peripheral Interfaces (SPI)
• One 8-channel ADC
• 10× Inter-Integrated Circuit ( I2C™)
• 2× Improved Inter-Integrated Circuit ( I3C®)
Audio interfaces:
• 3× Multichannel Audio Serial Port (McASP)
modules
Flash memory interfaces:
• Embedded Multi Media Card ( eMMC™ 5.1)
interface
– Support speeds of up to HS400
• One Secure Digital® 3.0/Secure Digital Input
Output 3.0 (SD3.0/SDIO3.0) interfaces
• One Octal SPI / Xccela™ / HyperBus™ Memory
Controller (HBMC) interface
• 16-nm FinFET technology
• 17.2 mm x 17.2 mm, 0.8 mm pitch, IPC Class 3
PCB

2 Applications
• Automotive gateway
• Vehicle compute
• Body control module
• Telematics control unit
• V2X/V2V
• Factory automation gateways
• Communications equipment
• Industrial transport
• Building Automation Gateway

3 Description
Jacinto™ DRA821x processors, based on the Armv8 64-bit architecture, are optimized for gateway systems
with cloud connectivity. The System-on-Chip (SoC) design reduces system-level costs and complexity through
integration—notably, a system MCU, functional safety and security features, and an Ethernet switch for highspeed
communication. Integrated diagnostics and functional safety features are targeted to ASIL-D and SIL 3
certification requirements. Real-time control and low-latency communication are enabled by a PCIe controller
and a TSN capable Gigabit Ethernet switch.
Up to four general-purpose Arm® Cortex®-R5F subsystems can handle low-level, timing-critical processing
tasks and leave the Arm® Cortex®-A72 core unencumbered for advanced and cloud-based applications.
Jacinto DRA821x processors also include the concept of the Extended MCU (eMCU) domain. This domain is a
subset of the processors and peripherals on the main domain targeted at higher functional safety enablement,
such as ASIL-D/SIL-3. The functional block diagram highlights which IP are included in the eMCU. For more
details about eMCU and functional safety, see the DRA821 Safety Manual Processors Texas Instruments
Jacinto™ 7 Family of Products (SPRUIX4).




Similar Part No. - DRA821U2...ALM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA821U2 TI-DRA821U2 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
DRA821U2-Q1 TI-DRA821U2-Q1 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
DRA821U2CGBALM TI-DRA821U2CGBALM Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
DRA821U2CGBALMR TI-DRA821U2CGBALMR Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
More results


Similar Description - DRA821U2...ALM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
DRA821U TI-DRA821U Datasheet
4Mb / 228P
DRA821 Jacinto??Processors
DRA829J TI-DRA829J Datasheet
6Mb / 291P
DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
DRA829J TI1-DRA829J_V02 Datasheet
6Mb / 319P
DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
DRA829J TI-DRA829J_V04 Datasheet
6Mb / 319P
DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
AUGUST 2021
TDA4VE-Q1 TI-TDA4VE-Q1 Datasheet
4Mb / 251P
TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
DECEMBER 2022
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
DRA821U-Q1 TI-DRA821U-Q1_V01 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
DRA821U-Q1 TI-DRA821U-Q1_V02 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com