Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 7 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 3Page - Texas Instruments DRA821U2...ALM Datasheet HTML 4Page - Texas Instruments DRA821U2...ALM Datasheet HTML 5Page - Texas Instruments DRA821U2...ALM Datasheet HTML 6Page - Texas Instruments DRA821U2...ALM Datasheet HTML 7Page - Texas Instruments DRA821U2...ALM Datasheet HTML 8Page - Texas Instruments DRA821U2...ALM Datasheet HTML 9Page - Texas Instruments DRA821U2...ALM Datasheet HTML 10Page - Texas Instruments DRA821U2...ALM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 252 page
background image
• (MMCSD1 Switching Characteristics – UHS-I SDR25 Mode): Updated the MAX value for SDR258 and
SDR259.......................................................................................................................................................... 206
• (MMCSD1 Switching Characteristics – UHS-I DDR50 Mode): Updated/Changed the MAX value for both
DDR508 and DDR509 delay times................................................................................................................. 207
• (MMCSD1 Switching Characteristics – UHS-I SDR104 Mode): Updated the MIN value for SDR1046 and
SDR1047........................................................................................................................................................ 209
• (MMCSD1 Switching Characteristics – UHS-I SDR104 Mode): Updated the MIN and MAX values for
SDR1048 and SDR1049.................................................................................................................................209
• (OSPI): Updated/Changed timing specification values for OSPI.................................................................... 210
• Updated O4 and O5 values in OSPI Switching Characteristics – DDR Mode table....................................... 211
• Updated O10 and O11 values in OSPI Switching Characteristics – SDR Mode table................................... 212
• Updated min values in OSPI Timing Requirements – SDR Mode table......................................................... 214
• (OSPI DLL Delay Mapping for Timing Modes ): Updated/Chnged 1.8 V, 3.3 V, and Other table rows for
MODE: TRANSMIT and RECEIVE.................................................................................................................214
• (UART Timing Conditions): Added a note to the maximum output load capacitance value........................... 216
• (UART Timing Requirements): Changed the start pulse width parameter description and added a note that
clarifies the data valid time requirements for each parameter in the table..................................................... 216
• (UART Switching Characteristics): Updated the "Maximum Programmable Baud Rate"; deleted MODE
column and 30-pF row.................................................................................................................................... 216
• (UART Switching Characteristics): Changed the start pulse width parameter description, removed the CTS
delay parameter, and removed the load capacitance references from the Programmable baud rate parameter
........................................................................................................................................................................216
• (UART Timing): Updated the timing diagram image to remove CTS and show RXD timing relative to VIL and
VIH ..................................................................................................................................................................216
• Added PCB Connectivity Requirements to the Debug Trace Timing Conditions table...................................217
• Added a note that describes the how the JTAG port is split across two IO power domains and the effect on
timing.............................................................................................................................................................. 218
• Changed the minimum input slew rate value in the Debug Trace Timing Conditions table from 0.25 V/ns to
0.50 V/ns.........................................................................................................................................................218
• Added PCB Connectivity Requirements to the Debug Trace Timing Conditions table...................................218
• Changed the minimum pulse width value to a function of TCK and added notes to minimum cycle time and
pulse width parameters...................................................................................................................................219
• (Detailed Description/DDRSS): Added a sentence to the "The DDR subsystem in this device comprises .."
paragraph along with a Note...........................................................................................................................223
• (Standard Package Symbolization): Updated/Changed the lead-in paragraph.............................................. 240
• (Device Naming Convention): Added additional Device Types and associated footnotes to the Nomenclature
Description table............................................................................................................................................. 241
• (Tools and Software): Deleted the "Clock Tree Tool (CTT)", the "Power Estimation Tool (PET)" , and the Pin
Mux Tool......................................................................................................................................................... 243
• (Tools and Software): Added the SYSCONFIG tool....................................................................................... 243
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com