Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 92 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 92 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 88Page - Texas Instruments DRA821U2...ALM Datasheet HTML 89Page - Texas Instruments DRA821U2...ALM Datasheet HTML 90Page - Texas Instruments DRA821U2...ALM Datasheet HTML 91Page - Texas Instruments DRA821U2...ALM Datasheet HTML 92Page - Texas Instruments DRA821U2...ALM Datasheet HTML 93Page - Texas Instruments DRA821U2...ALM Datasheet HTML 94Page - Texas Instruments DRA821U2...ALM Datasheet HTML 95Page - Texas Instruments DRA821U2...ALM Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 252 page
background image
Table 6-107. Unused Balls Specific Connection Requirements (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
A18
MCU_RESETZ
Each of these balls must be connected to the corresponding
power supply through a separate external pull resistor to ensure
these balls are held to a valid logic high level if unused.(1)
G19
MCU_PORZ
H20
PORZ
B15
TCK
U4
TMS
F20
WKUP_I2C0_SCL
H21
WKUP_I2C0_SDA
G20
MCU_I2C0_SDA
G21
MCU_I2C0_SCL
W2
I2C0_SDA
V3
I2C0_SCL
U6
EXTINTN
F19
TDI
F21
TDO
D12
EMU1
A13
EMU0
B1
DDR0_DQS0N
E1
DDR0_DQS1N
M1
DDR0_DQS2N
R1
DDR0_DQS3N
N17
VPP_CORE
Each of these balls must be left unconnected if unused.
E11
VPP_MCU
P20
MMC0_CALPAD
AA8
SERDES0_REFCLK_N
AA9
SERDES0_REFCLK_P
AA11
SERDES0_RX0_N
AA12
SERDES0_RX0_P
W11
SERDES0_TX0_N
W12
SERDES0_TX0_P
W8
SERDES0_RX1_N
W9
SERDES0_RX1_P
Y10
SERDES0_TX1_N
Y11
SERDES0_TX1_P
Y7
SERDES0_RX2_N
Y8
SERDES0_RX2_P
AA5
SERDES0_TX2_N
AA6
SERDES0_TX2_P
W5
SERDES0_RX3_N
W6
SERDES0_RX3_P
Y4
SERDES0_TX3_N
Y5
SERDES0_TX3_P
(1)
To determine which power supply is associated with any IO refer to Table 6-1, Pin Attributes.
Table 6-108. Reserved Balls Specific Connection Requirements
BALLS
CONNECTION REQUIREMENTS
A21 / AA21 / K8 / K9 / K10 / L8 / L9 / L10
These balls do not exist on the package.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com