Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 41 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 41 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 37Page - Texas Instruments DRA821U2...ALM Datasheet HTML 38Page - Texas Instruments DRA821U2...ALM Datasheet HTML 39Page - Texas Instruments DRA821U2...ALM Datasheet HTML 40Page - Texas Instruments DRA821U2...ALM Datasheet HTML 41Page - Texas Instruments DRA821U2...ALM Datasheet HTML 42Page - Texas Instruments DRA821U2...ALM Datasheet HTML 43Page - Texas Instruments DRA821U2...ALM Datasheet HTML 44Page - Texas Instruments DRA821U2...ALM Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
R9
VDDA_0P8_SERDES0_C
VDDA_0P8_SERDES0_C
PWR
R6
VDDA_1P8_USB
VDDA_1P8_USB
PWR
P8
VDDA_1P8_SERDES0
VDDA_1P8_SERDES0
PWR
R7
VDDA_3P3_USB
VDDA_3P3_USB
PWR
J16
VDDA_ADC_MCU
VDDA_ADC_MCU
PWR
F15
VDDA_MCU_PLLGRP0
VDDA_MCU_PLLGRP0
PWR
F16
VDDA_MCU_TEMP
VDDA_MCU_TEMP
PWR
G17
VDDA_OSC1
VDDA_OSC1
PWR
N14
VDDA_PLLGRP0
VDDA_PLLGRP0
PWR
N9
VDDA_PLLGRP4
VDDA_PLLGRP4
PWR
J9
VDDA_PLLGRP6
VDDA_PLLGRP6
PWR
L7
VDDA_PLLGRP8
VDDA_PLLGRP8
PWR
J15
VDDA_POR_WKUP
VDDA_POR_WKUP
PWR
J8
VDDA_TEMP0
VDDA_TEMP0
PWR
P15
VDDA_TEMP1
VDDA_TEMP1
PWR
H16
VDDA_WKUP
VDDA_WKUP
PWR
N6, P6
VDDSHV0
VDDSHV0
PWR
E13, E14, F13,
F14
VDDSHV0_MCU
VDDSHV0_MCU
PWR
E7, E8, F8
VDDSHV1_MCU
VDDSHV1_MCU
PWR
T10, U11, U9
VDDSHV2
VDDSHV2
PWR
F11, F12, G11
VDDSHV2_MCU
VDDSHV2_MCU
PWR
K16, L16
VDDSHV5
VDDSHV5
PWR
A1, G7, H6, J7,
K6, M5, U1
VDDS_DDR
VDDS_DDR
PWR
F7, L6
VDDS_DDR_BIAS
VDDS_DDR_BIAS
PWR
J6
VDDS_DDR_C
VDDS_DDR_C
PWR
M16, N16
VDDS_MMC0
VDDS_MMC0
PWR
H8, K12, L13,
M12, M14,
N13, N15, N7,
P10, P12, R11,
R13, R15
VDD_CORE
VDD_CORE
PWR
J10, L11, M9,
N11, N8
VDD_CPU
VDD_CPU
PWR
G9, H10, H14,
J13, K15
VDD_MCU
VDD_MCU
PWR
G13
VDD_MCU_WAKE1
VDD_MCU_WAKE1
PWR
P11
VDD_WAKE0
VDD_WAKE0
PWR
G15
VMON1_ER_VSYS
VMON1_ER_VSYS
PWR
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com