Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 95 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 95 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 91Page - Texas Instruments DRA821U2...ALM Datasheet HTML 92Page - Texas Instruments DRA821U2...ALM Datasheet HTML 93Page - Texas Instruments DRA821U2...ALM Datasheet HTML 94Page - Texas Instruments DRA821U2...ALM Datasheet HTML 95Page - Texas Instruments DRA821U2...ALM Datasheet HTML 96Page - Texas Instruments DRA821U2...ALM Datasheet HTML 97Page - Texas Instruments DRA821U2...ALM Datasheet HTML 98Page - Texas Instruments DRA821U2...ALM Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 252 page
background image
7.1 Absolute Maximum Ratings (continued)
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
Steady State Max. Voltage at
all fail-safe IO pins
I2C0_SCL, I2C0_SDA, WKUP_I2C0_SCL,
WKUP_I2C0_SDA, MCU_I2C0_SCL, MCU_I2C0_SDA,
EXTINTn
–0.3
3.8
V
MCU_PORz, PORz
–0.3
3.8
V
VMON2_IR_VCPU
-0.3
1.05
V
VMON3_IR_VEXT1P8, VMON4_IR_VEXT1P8,
VMON1_ER_VSYS(8)
–0.3
2.2
V
VMON5_IR_VEXT3P3
–0.3
3.8
V
Steady State Max. Voltage at
all other IO pins(3)
All other IO pins
–0.3
IO supply voltage +
0.3
V
Transient Overshoot and
Undershoot specification at
IO pin
20% of IO supply voltage for up to 20% of signal period
(see Figure 7-1, IO Transient Voltage Ranges)
0.2 × VDD(6)
V
Latch-up Performance, Class
II (125°C)(4)
I-Test
–100
100
mA
Over-Voltage (OV) Test
NA
1.5 × VDD(7)
V
TSTG (5)
Storage temperature
-55
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
used outside the Section 7.3, Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be
fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to their associated VSS or VSSA_x, unless otherwise noted.
(3)
This parameter applies to all IO pins which are not fail-safe and the requirement applies to all values of IO supply voltage. For
example, if the voltage applied to a specific IO supply is 0 volts the valid input voltage range for any IO powered by that supply will be
–0.3 to +0.3 volts. Special attention should be applied anytime peripheral devices are not powered from the same power sources used
to power the respective IO supply. It is important the attached peripheral never sources a voltage outside the valid input voltage range,
including power supply ramp-up and ramp-down sequences.
(4)
For current pulse injection:
Pins stressed per JEDEC JESD78E (Class II) and passed with specified I/O pin injection current and clamp voltage of 1.5 times
maximum recommended I/O voltage and negative 0.5 times maximum recommended I/O voltage.
For overvoltage performance:
Supplies stressed per JEDEC JESD78E (Class II) and passed specified voltage injection.
(5)
For tape and reel the storage temperature range is [–10°C; +50°C] with a maximum relative humidity of 70%. TI recommends returning
to ambient room temperature before usage.
(6)
VDD is the voltage on the corresponding power-supply pin(s) for the IO.
(7)
An external resistor divider is required to create the VMON input value that triggers with VTH = 0.45 when the VSYS level reaches the
minimum allowed threshold. A series resistor R2 (VMON_ER_VSYS = VSYS × R1 / (R1 + R2)) of at least 10kΩ is recommended to limit
current.
(8)
The VMON1_ER_VSYS pin provides a way to monitor the system power supply. For more information, see Section 9.3.4 System
Power Supply Monitor Design Guidelines.
(9)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.3.3, USB
VBUS Design Guidelines.
(10) A single 1.1V source must drive all three VDDS_DDR, VDDS_DDR_BIAS, VDDS_DDR_C supplies.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com