Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 8 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 4Page - Texas Instruments DRA821U2...ALM Datasheet HTML 5Page - Texas Instruments DRA821U2...ALM Datasheet HTML 6Page - Texas Instruments DRA821U2...ALM Datasheet HTML 7Page - Texas Instruments DRA821U2...ALM Datasheet HTML 8Page - Texas Instruments DRA821U2...ALM Datasheet HTML 9Page - Texas Instruments DRA821U2...ALM Datasheet HTML 10Page - Texas Instruments DRA821U2...ALM Datasheet HTML 11Page - Texas Instruments DRA821U2...ALM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 252 page
background image
5 Device Comparison
Table 5-1 shows the features of the SoC, highlighting the differences.
Table 5-1. Device Comparison
Same table as the unhidden one. Done to remove columns A4 and A2
FEATURES
REFERENCE NAME
DRA821U4
DRA821U2
Features
PROCESSORS AND ACCELERATORS
Speed Grades (see Table 7-1)
T, L, E
E, C
Arm Cortex-A72 Microprocessor Subsystem
Arm A72
Dual Core
Dual Core
Arm Cortex-R5F
Arm R5F
Quad Core
Quad Core
Lockstep
Optional(5)
Optional(5)
Device Management Security Controller
DMSC
Yes
Yes
Security Accelerators
SA
Yes
Yes
SAFETY AND SECURITY
Safety Targeted
Safety
Optional(5)
Optional(5)
Device Security
Security
Optional(6)
Optional(6)
AEC-Q100 Qualified
Q1
Optional(7)
Optional(7)
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain
OCSRAM
512KB SRAM
512KB SRAM
On-Chip Shared Memory (RAM) in MCU Domain
MCU_MSRAM
1MB SRAM
1MB SRAM
Multicore Shared Memory Controller
MSMC
1MB (On-Chip SRAM
with ECC)
1MB (On-Chip SRAM
with ECC)
LPDDR4 DDR Subsystem
DDRSS
Up to 8GB (16/32-bit
data) with inline ECC
Up to 8GB (16/32-bit
data) with inline ECC
SECDED
7-bit
7-bit
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
Up to 1GB with ECC
PERIPHERALS
Modular Controller Area Network Interface with Full CAN-FD Support
MCAN
20
20
Navigator Subsystem
NAVSS
2
2
General-Purpose I/O
GPIO
Up to 141
Up to 141
Inter-Integrated Circuit Interface
I2C
10
10
Improved Inter-Integrated Circuit Interface
I3C
2
2
Analog-to-Digital Converter
ADC
1
1
Multichannel Serial Peripheral Interface
MCSPI
11 (8)
11 (8)
Multichannel Audio Serial Port
MCASP0
16 Serializers
16 Serializers
MCASP1
12 Serializers
12 Serializers
MCASP2
6 Serializers
6 Serializers
MultiMedia Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
eMMC (8-bits)
MMCSD1
SD/SDIO
(4-bits)
SD/SDIO
(4-bits)
Flash Subsystem (FSS)
OSPI
8-bits(4)
8-bits(4)
HyperBus
Yes(4)
Yes(4)
PCI Express Port with Integrated PHY
PCIE
Up to Four Lanes(1)
Up to Four Lanes(1)
Ethernet Interface
CPSW2G
1 Port(3)
1 Port(3)
CPSW5G
4 Ports (1) (2)
2 Ports(1) (2)
General-Purpose Timers
TIMER
30
30
Enhanced Pulse-Width Modulator Module
EPWM
6
6
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com