Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 69 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 69 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 65Page - Texas Instruments DRA821U2...ALM Datasheet HTML 66Page - Texas Instruments DRA821U2...ALM Datasheet HTML 67Page - Texas Instruments DRA821U2...ALM Datasheet HTML 68Page - Texas Instruments DRA821U2...ALM Datasheet HTML 69Page - Texas Instruments DRA821U2...ALM Datasheet HTML 70Page - Texas Instruments DRA821U2...ALM Datasheet HTML 71Page - Texas Instruments DRA821U2...ALM Datasheet HTML 72Page - Texas Instruments DRA821U2...ALM Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 252 page
background image
Table 6-79. SERDES0 Lane1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_TX1_P
SERDES Differential Transmit Data (positive)
O
Y11
Table 6-80. SERDES0 Lane2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_RX2_N
SERDES Differential Receive Data (negative)
I
Y7
SERDES0_RX2_P
SERDES Differential Receive Data (positive)
I
Y8
SERDES0_TX2_N
SERDES Differential Transmit Data (negative)
O
AA5
SERDES0_TX2_P
SERDES Differential Transmit Data (positive)
O
AA6
Table 6-81. SERDES0 Lane3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_RX3_N
SERDES Differential Receive Data (negative)
I
W5
SERDES0_RX3_P
SERDES Differential Receive Data (positive)
I
W6
SERDES0_TX3_N
SERDES Differential Transmit Data (negative)
O
Y4
SERDES0_TX3_P
SERDES Differential Transmit Data (positive)
O
Y5
Table 6-82. SERDES0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PCIE1_CLKREQn
PCIE Clock Request Signal
IO
N19, W1
SERDES0_REXT(1)
External Calibration Resistor
A
V7
SERDES0_REFCLK_N
Serdes Reference Clock Input/Output (negative)
IO
AA8
SERDES0_REFCLK_P
Serdes Reference Clock Input/Output (positive)
IO
AA9
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.17 OSPI
6.3.17.1 MCU Domain
Table 6-83. OSPI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_OSPI0_CLK
OSPI Clock
O
B6
MCU_OSPI0_DQS
OSPI Data Strobe (DQS) or Loopback Clock Input
I
B7
MCU_OSPI0_ECC_FAIL
OSPI ECC Status
I
D5
MCU_OSPI0_LBCLKO
OSPI Loopback Clock Output
IO
C8
MCU_OSPI0_CSn0
OSPI Chip Select 0 (active low)
O
D6
MCU_OSPI0_CSn1
OSPI Chip Select 1 (active low)
O
D7
MCU_OSPI0_CSn2
OSPI Chip Select 2 (active low)
O
C6
MCU_OSPI0_CSn3
OSPI Chip Select 3 (active low)
O
D5
MCU_OSPI0_D0
OSPI Data 0
IO
D8
MCU_OSPI0_D1
OSPI Data 1
IO
C7
MCU_OSPI0_D2
OSPI Data 2
IO
C5
MCU_OSPI0_D3
OSPI Data 3
IO
A5
MCU_OSPI0_D4
OSPI Data 4
IO
A6
MCU_OSPI0_D5
OSPI Data 5
IO
B8
MCU_OSPI0_D6
OSPI Data 6
IO
A8
MCU_OSPI0_D7
OSPI Data 7
IO
A7
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com