Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 15 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 11Page - Texas Instruments DRA821U2...ALM Datasheet HTML 12Page - Texas Instruments DRA821U2...ALM Datasheet HTML 13Page - Texas Instruments DRA821U2...ALM Datasheet HTML 14Page - Texas Instruments DRA821U2...ALM Datasheet HTML 15Page - Texas Instruments DRA821U2...ALM Datasheet HTML 16Page - Texas Instruments DRA821U2...ALM Datasheet HTML 17Page - Texas Instruments DRA821U2...ALM Datasheet HTML 18Page - Texas Instruments DRA821U2...ALM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
U3
ECAP0_IN_APWM_OUT
ECAP0_IN_APWM_OUT
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
SYNC0_OUT
1
O
CPTS0_RFT_CLK
2
I
I
I2C1_SCL
3
IOD
1
CPTS0_HW1TSPUSH
4
I
0
UART3_RXD
5
I
1
SPI7_CS0
6
IO
1
GPIO0_58
7
IO
pad
A13
EMU0
EMU0
0
IO
OFF
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
0/0
D12
EMU1
EMU1
0
IO
OFF
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
0/0
U6
EXTINTn
EXTINTn
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OD FS
1
GPIO0_0
7
IO
pad
T3
EXT_REFCLK1
EXT_REFCLK1
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
SYNC1_OUT
1
O
I2C1_SDA
3
IOD
1
CPTS0_HW2TSPUSH
4
I
0
UART3_TXD
5
O
SPI7_CLK
6
IO
0
GPIO0_59
7
IO
pad
U12
GPIO0_41
RGMII2_TX_CTL
4
O
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
Yes
RMII2_TXD0
5
O
GPIO0_41
7
IO
pad
SPI6_D1
8
IO
0
UART4_RXD
11
I
1
MCASP2_ACLKX
12
IO
0
GPMC0_A13
13
OZ
U13
GPMC0_CLK
GPMC0_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
0
Yes
USB0_DRVVBUS
1
O
RGMII4_RD3
4
I
0
GPIO0_44
7
IO
pad
SPI0_CS3
10
IO
1
UART9_RXD
11
I
1
V3
I2C0_SCL
I2C0_SCL
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OD FS
1
GPIO0_56
7
IO
pad
W2
I2C0_SDA
I2C0_SDA
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OD FS
1
GPIO0_57
7
IO
pad
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com