Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 24 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 24 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 20Page - Texas Instruments DRA821U2...ALM Datasheet HTML 21Page - Texas Instruments DRA821U2...ALM Datasheet HTML 22Page - Texas Instruments DRA821U2...ALM Datasheet HTML 23Page - Texas Instruments DRA821U2...ALM Datasheet HTML 24Page - Texas Instruments DRA821U2...ALM Datasheet HTML 25Page - Texas Instruments DRA821U2...ALM Datasheet HTML 26Page - Texas Instruments DRA821U2...ALM Datasheet HTML 27Page - Texas Instruments DRA821U2...ALM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
AA15
MCAN12_TX
MCAN12_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1/0
Yes
RGMII2_RD1
4
I
0
MCAN12_TX
6
O
GPIO0_33
7
IO
pad
SPI2_CS2
8
IO
1
EQEP1_A
9
I
0
I2C6_SCL
10
IOD
1
UART2_RXD
11
I
1
MCASP0_AXR15
12
IO
0
GPMC0_BE1n
13
O
GPMC0_A17
14
OZ
AA16
MCAN13_RX
MCAN13_RX
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1
1/0
Yes
RGMII2_RX_CTL
4
I
0
GPMC0_CSn3
5
O
MCAN13_RX
6
I
1
GPIO0_36
7
IO
pad
SPI2_D1
8
IO
0
EQEP0_I
9
IO
0
I2C5_SDA
10
IOD
1
UART8_RTSn
11
O
MCASP2_AXR0
12
IO
0
I3C0_SDA
13
IO
1
GPMC0_A20
14
OZ
AA18
MCAN13_TX
MCAN13_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1/0
Yes
RGMII2_RD3
4
I
0
GPMC0_WPn
5
O
MCAN13_TX
6
O
GPIO0_35
7
IO
pad
SPI2_D0
8
IO
0
EQEP0_S
9
IO
0
I2C5_SCL
10
IOD
1
UART8_CTSn
11
I
1
MCASP1_AXR9
12
IO
0
I3C0_SCL
13
IO
1
GPMC0_A19
14
OZ
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com