Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 55 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 55 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 51Page - Texas Instruments DRA821U2...ALM Datasheet HTML 52Page - Texas Instruments DRA821U2...ALM Datasheet HTML 53Page - Texas Instruments DRA821U2...ALM Datasheet HTML 54Page - Texas Instruments DRA821U2...ALM Datasheet HTML 55Page - Texas Instruments DRA821U2...ALM Datasheet HTML 56Page - Texas Instruments DRA821U2...ALM Datasheet HTML 57Page - Texas Instruments DRA821U2...ALM Datasheet HTML 58Page - Texas Instruments DRA821U2...ALM Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 252 page
background image
Table 6-6. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
ALF [4]
WKUP_GPIO0_77
General Purpose Input/Output
IO
D21
WKUP_GPIO0_78
General Purpose Input/Output
IO
E19
WKUP_GPIO0_79
General Purpose Input/Output
IO
B13
WKUP_GPIO0_80
General Purpose Input/Output
IO
D18
WKUP_GPIO0_81
General Purpose Input/Output
IO
C17
WKUP_GPIO0_84
General Purpose Input/Output
IO
E18
6.3.4 I2C
6.3.4.1 MAIN Domain
Table 6-7. I2C0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C0_SCL
I2C Clock
IOD
V3
I2C0_SDA
I2C Data
IOD
W2
Table 6-8. I2C1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C1_SCL
I2C Clock
IOD
U3, V17
I2C1_SDA
I2C Data
IOD
AA19, T3
Table 6-9. I2C2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C2_SCL
I2C Clock
IOD
W15, Y1
I2C2_SDA
I2C Data
IOD
V4, Y20
Table 6-10. I2C3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C3_SCL
I2C Clock
IOD
N19, V19
I2C3_SDA
I2C Data
IOD
N20, T13
Table 6-11. I2C4 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C4_SCL
I2C Clock
IOD
M19, W14
I2C4_SDA
I2C Data
IOD
N21, W19
Table 6-12. I2C5 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C5_SCL
I2C Clock
IOD
AA18
I2C5_SDA
I2C Data
IOD
AA16
Table 6-13. I2C6 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C6_SCL
I2C Clock
IOD
AA15, M20
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com