Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 59 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 59 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 55Page - Texas Instruments DRA821U2...ALM Datasheet HTML 56Page - Texas Instruments DRA821U2...ALM Datasheet HTML 57Page - Texas Instruments DRA821U2...ALM Datasheet HTML 58Page - Texas Instruments DRA821U2...ALM Datasheet HTML 59Page - Texas Instruments DRA821U2...ALM Datasheet HTML 60Page - Texas Instruments DRA821U2...ALM Datasheet HTML 61Page - Texas Instruments DRA821U2...ALM Datasheet HTML 62Page - Texas Instruments DRA821U2...ALM Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 252 page
background image
Table 6-37. MCAN0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_MCAN0_TX
MCAN Transmit Data
O
A16
Table 6-38. MCAN1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_MCAN1_RX
MCAN Receive Data
I
B16
MCU_MCAN1_TX
MCAN Transmit Data
O
D13
6.3.7 MCSPI
6.3.7.1 MAIN Domain
Table 6-39. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SPI0_CLK
SPI Clock
IO
Y1
SPI0_CS0
SPI Chip Select 0
IO
W3
SPI0_CS1
SPI Chip Select 1
IO
U5
SPI0_CS2
SPI Chip Select 2
IO
Y14
SPI0_CS3
SPI Chip Select 3
IO
U13
SPI0_D0
SPI Data 0
IO
V4
SPI0_D1
SPI Data 1
IO
T5
Table 6-40. MCSPI1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SPI1_CLK
SPI Clock
IO
P21
SPI1_CS0
SPI Chip Select 0
IO
N19
SPI1_CS1
SPI Chip Select 1
IO
N20
SPI1_CS2
SPI Chip Select 2
IO
N21
SPI1_CS3
SPI Chip Select 3
IO
W19
SPI1_D0
SPI Data 0
IO
M19
SPI1_D1
SPI Data 1
IO
M20
Table 6-41. MCSPI2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SPI2_CLK
SPI Clock
IO
U20
SPI2_CS0
SPI Chip Select 0
IO
Y14
SPI2_CS1
SPI Chip Select 1
IO
Y13
SPI2_CS2
SPI Chip Select 2
IO
AA15
SPI2_CS3
SPI Chip Select 3
IO
AA14
SPI2_D0
SPI Data 0
IO
AA18
SPI2_D1
SPI Data 1
IO
AA16
Table 6-42. MCSPI3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SPI3_CLK
SPI Clock
IO
T14
SPI3_CS0
SPI Chip Select 0
IO
U16
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com