Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 73 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 73 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 69Page - Texas Instruments DRA821U2...ALM Datasheet HTML 70Page - Texas Instruments DRA821U2...ALM Datasheet HTML 71Page - Texas Instruments DRA821U2...ALM Datasheet HTML 72Page - Texas Instruments DRA821U2...ALM Datasheet HTML 73Page - Texas Instruments DRA821U2...ALM Datasheet HTML 74Page - Texas Instruments DRA821U2...ALM Datasheet HTML 75Page - Texas Instruments DRA821U2...ALM Datasheet HTML 76Page - Texas Instruments DRA821U2...ALM Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 252 page
background image
Table 6-86. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC0_CMD
(2)
MMC/SD/SDIO Command
IO
R17
MMC0_DS
MMC Data Strobe
IO
P19
MMC0_DAT0
(2)
MMC/SD/SDIO Data
IO
R16
MMC0_DAT1
(2)
MMC/SD/SDIO Data
IO
P17
MMC0_DAT2
(2)
MMC/SD/SDIO Data
IO
R18
MMC0_DAT3
(2)
MMC/SD/SDIO Data
IO
R20
MMC0_DAT4
(2)
MMC/SD/SDIO Data
IO
R19
MMC0_DAT5
(2)
MMC/SD/SDIO Data
IO
P16
MMC0_DAT6
(2)
MMC/SD/SDIO Data
IO
R21
MMC0_DAT7
(2)
MMC/SD/SDIO Data
IO
T21
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
An external pull-up of 10 kΩ ~ 50 kΩ ±1% resistor, as specified in the specification, must be connected to this ball to ensure proper
operation.
Table 6-87. MMC1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC1_CLK
(1)
MMC/SD/SDIO Clock
IO
P21
MMC1_CMD
MMC/SD/SDIO Command
IO
M20
MMC1_SDCD(2)
SD Card Detect
I
V1
MMC1_SDWP
SD Write Protect
I
W1
MMC1_DAT0
MMC/SD/SDIO Data
IO
M19
MMC1_DAT1
MMC/SD/SDIO Data
IO
N21
MMC1_DAT2
MMC/SD/SDIO Data
IO
N20
MMC1_DAT3
MMC/SD/SDIO Data
IO
N19
(1)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG63 register should be set to 0x1 because of
retiming purposes.
(2)
For ROM boot to work properly, the MMC1_SDCD pin should be pulled low externally with a resistor.
6.3.21 CPTS
6.3.21.1 MAIN Domain
Table 6-88. CPTS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CPTS0_RFT_CLK
CPTS Reference Clock
I
U3
CPTS0_TS_COMP
CPTS Time Stamp Counter Compare
O
U5
CPTS0_TS_SYNC
CPTS Time Stamp Counter Bit
O
N20
CPTS0_HW1TSPUSH
CPTS Hardware Time Stamp Push 1
I
U3
CPTS0_HW2TSPUSH
CPTS Hardware Time Stamp Push 2
I
T3
6.3.21.2 MCU Domain
Table 6-89. CPTS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_CPTS0_RFT_CLK
CPTS Reference Clock
I
C20, E18
MCU_CPTS0_TS_COMP
CPTS Time Stamp Counter Compare
O
C19
MCU_CPTS0_TS_SYNC
CPTS Time Stamp Counter Bit
O
C21
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com