Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 64 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 64 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 60Page - Texas Instruments DRA821U2...ALM Datasheet HTML 61Page - Texas Instruments DRA821U2...ALM Datasheet HTML 62Page - Texas Instruments DRA821U2...ALM Datasheet HTML 63Page - Texas Instruments DRA821U2...ALM Datasheet HTML 64Page - Texas Instruments DRA821U2...ALM Datasheet HTML 65Page - Texas Instruments DRA821U2...ALM Datasheet HTML 66Page - Texas Instruments DRA821U2...ALM Datasheet HTML 67Page - Texas Instruments DRA821U2...ALM Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 252 page
background image
Table 6-62. CPSW2G0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_RGMII1_TD2
RGMII Transmit Data 2
O
B12
MCU_RGMII1_TD3
RGMII Transmit Data 3
O
C12
MCU_RMII1_CRS_DV
RMII Carrier Sense / Data Valid
I
D11
MCU_RMII1_REF_CLK
RMII Reference Clock
I
B10
MCU_RMII1_RX_ER
RMII Receive Data Error
I
A11
MCU_RMII1_TX_EN
RMII Transmit Enable
O
A12
MCU_RMII1_RXD0
RMII Receive Data 0
I
A9
MCU_RMII1_RXD1
RMII Receive Data 1
I
B9
MCU_RMII1_TXD0
RMII Transmit Data 0
O
D10
MCU_RMII1_TXD1
RMII Transmit Data 1
O
B11
6.3.11 CPSW5G
6.3.11.1 MAIN Domain
Table 6-63. CPSW5G0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CLKOUT
RMII Clock Output (50 MHz). This pin is used for clock
source to the external PHY and must be routed back to
the RMII_REF_CLK pin for proper device operation.
OZ
U21
RGMII1_RXC
RGMII Receive Clock
I
AA19
RGMII1_TXC
RGMII Transmit Clock
O
Y20
RGMII1_RX_CTL
RGMII Receive Control
I
Y16
RGMII1_TX_CTL
RGMII Transmit Control
O
W15
RGMII1_RD0
RGMII Receive Data 0
I
AA17
RGMII1_RD1
RGMII Receive Data 1
I
Y15
RGMII1_RD2
RGMII Receive Data 2
I
AA20
RGMII1_RD3
RGMII Receive Data 3
I
Y17
RGMII1_TD0
RGMII Transmit Data 0
O
Y18
RGMII1_TD1
RGMII Transmit Data 1
O
Y19
RGMII1_TD2
RGMII Transmit Data 2
O
Y21
RGMII1_TD3
RGMII Transmit Data 3
O
W16
RGMII2_RXC
RGMII Receive Clock
I
Y14
RGMII2_TXC
RGMII Transmit Clock
O
W21
RGMII2_RX_CTL
RGMII Receive Control
I
AA16
RGMII2_TX_CTL
RGMII Transmit Control
O
U12
RGMII2_RD0
RGMII Receive Data 0
I
Y13
RGMII2_RD1
RGMII Receive Data 1
I
AA15
RGMII2_RD2
RGMII Receive Data 2
I
AA14
RGMII2_RD3
RGMII Receive Data 3
I
AA18
RGMII2_TD0
RGMII Transmit Data 0
O
W17
RGMII2_TD1
RGMII Transmit Data 1
O
W20
RGMII2_TD2
RGMII Transmit Data 2
O
V14
RGMII2_TD3
RGMII Transmit Data 3
O
V13
RGMII3_RXC
RGMII Receive Clock
I
V21
RGMII3_TXC
RGMII Transmit Clock
O
U20
RGMII3_RX_CTL
RGMII Receive Control
I
U15
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
64
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com