Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 50 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 50 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 46Page - Texas Instruments DRA821U2...ALM Datasheet HTML 47Page - Texas Instruments DRA821U2...ALM Datasheet HTML 48Page - Texas Instruments DRA821U2...ALM Datasheet HTML 49Page - Texas Instruments DRA821U2...ALM Datasheet HTML 50Page - Texas Instruments DRA821U2...ALM Datasheet HTML 51Page - Texas Instruments DRA821U2...ALM Datasheet HTML 52Page - Texas Instruments DRA821U2...ALM Datasheet HTML 53Page - Texas Instruments DRA821U2...ALM Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 252 page
background image
Table 6-3. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DDR0_DQ21
DDRSS Data
IO
L1
DDR0_DQ22
DDRSS Data
IO
M3
DDR0_DQ23
DDRSS Data
IO
N2
DDR0_DQ24
DDRSS Data
IO
R3
DDR0_DQ25
DDRSS Data
IO
T1
DDR0_DQ26
DDRSS Data
IO
P1
DDR0_DQ27
DDRSS Data
IO
P2
DDR0_DQ28
DDRSS Data
IO
N4
DDR0_DQ29
DDRSS Data
IO
P3
DDR0_DQ30
DDRSS Data
IO
P4
DDR0_DQ31
DDRSS Data
IO
N5
DDR0_DQS0N
DDRSS Complimentary Data Strobe
IO
B1
DDR0_DQS0P
DDRSS Data Strobe
IO
B2
DDR0_DQS1N
DDRSS Complimentary Data Strobe
IO
E1
DDR0_DQS1P
DDRSS Data Strobe
IO
E2
DDR0_DQS2N
DDRSS Complimentary Data Strobe
IO
M1
DDR0_DQS2P
DDRSS Data Strobe
IO
M2
DDR0_DQS3N
DDRSS Complimentary Data Strobe
IO
R1
DDR0_DQS3P
DDRSS Data Strobe
IO
R2
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.2.2 DDRSS Mapping
Table 6-4 presents DDRSS interface signal mapping.
Table 6-4. DDRSS Signal Mapping
SIGNAL NAME [1]
MEMORY TYPE
PIN TYPE [3]
BALL [4]
LPDDR4
DDR0_CA0
CA0_A
IO
G4
DDR0_CA1
CA1_A
IO
H3
DDR0_CA2
CA2_A
IO
J4
DDR0_CA3
CA3_A
IO
K1
DDR0_CA4
CA4_A
IO
J2
DDR0_CA5
CA5_A
IO
H5
DDR0_CKP
CK_t_A
IO
H1
DDR0_CKN
CK_c_A
IO
G1
DDR0_DQ0
DQ0
IO
B4
DDR0_DQ1
DQ1
IO
A4
DDR0_DQ2
DQ2
IO
C4
DDR0_DQ3
DQ3
IO
C1
DDR0_DQ4
DQ4
IO
C3
DDR0_DQ5
DQ5
IO
C2
DDR0_DQ6
DQ6
IO
A2
DDR0_DQ7
DQ7
IO
B3
DDR0_DQ8
DQ8
IO
D1
DDR0_DQ9
DQ9
IO
D2
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
50
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com