Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 62 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 62 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 58Page - Texas Instruments DRA821U2...ALM Datasheet HTML 59Page - Texas Instruments DRA821U2...ALM Datasheet HTML 60Page - Texas Instruments DRA821U2...ALM Datasheet HTML 61Page - Texas Instruments DRA821U2...ALM Datasheet HTML 62Page - Texas Instruments DRA821U2...ALM Datasheet HTML 63Page - Texas Instruments DRA821U2...ALM Datasheet HTML 64Page - Texas Instruments DRA821U2...ALM Datasheet HTML 65Page - Texas Instruments DRA821U2...ALM Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 252 page
background image
Table 6-52. UART4 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART4_CTSn
UART Clear to Send (active low)
I
P21
UART4_RTSn
UART Request to Send (active low)
O
M20
UART4_RXD
UART Receive Data
I
N21, U12
UART4_TXD
UART Transmit Data
O
AA20, M19
Table 6-53. UART5 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART5_CTSn
UART Clear to Send (active low)
I
N21
UART5_RTSn
UART Request to Send (active low)
O
M19
UART5_RXD
UART Receive Data
I
N19, Y15
UART5_TXD
UART Transmit Data
O
AA17, N20
Table 6-54. UART6 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART6_CTSn
UART Clear to Send (active low)
I
V16
UART6_RTSn
UART Request to Send (active low)
O
V21
UART6_RXD
UART Receive Data
I
Y16
UART6_TXD
UART Transmit Data
O
Y17
Table 6-55. UART7 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART7_CTSn
UART Clear to Send (active low)
I
N21
UART7_RTSn
UART Request to Send (active low)
O
M19
UART7_RXD
UART Receive Data
I
N19, U21
UART7_TXD
UART Transmit Data
O
N20, V15
Table 6-56. UART8 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART8_CTSn
UART Clear to Send (active low)
I
AA18
UART8_RTSn
UART Request to Send (active low)
O
AA16
UART8_RXD
UART Receive Data
I
P21, W14
UART8_TXD
UART Transmit Data
O
M20, W19
Table 6-57. UART9 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART9_CTSn
UART Clear to Send (active low)
I
Y18
UART9_RTSn
UART Request to Send (active low)
O
Y19
UART9_RXD
UART Receive Data
I
AA19, U13
UART9_TXD
UART Transmit Data
O
V17
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com