Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 82 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 82 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 78Page - Texas Instruments DRA821U2...ALM Datasheet HTML 79Page - Texas Instruments DRA821U2...ALM Datasheet HTML 80Page - Texas Instruments DRA821U2...ALM Datasheet HTML 81Page - Texas Instruments DRA821U2...ALM Datasheet HTML 82Page - Texas Instruments DRA821U2...ALM Datasheet HTML 83Page - Texas Instruments DRA821U2...ALM Datasheet HTML 84Page - Texas Instruments DRA821U2...ALM Datasheet HTML 85Page - Texas Instruments DRA821U2...ALM Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 252 page
background image
6.4 Pin Multiplexing
Note
Many device pins support multiple signal functions. Some signal functions are selected via a single layer of multiplexers associated with pins.
Other signal functions are selected via two or more layers of multiplexers, where one layer is associated with the pins and other layers are
associated with peripheral logic functions.
Table 6-106, Pin Multiplexing only describes signal multiplexing at the pins. For more information, related to signal multiplexing at the pins,
see Pad Configuration Registers section in Device Configuration chapter in the device TRM. Refer to the respective peripheral chapter in the
device TRM for information associated with peripheral signal multiplexing.
Note
When a pad is set into a pin multiplexing mode which is not defined, that pad’s behavior is undefined. This should be avoided.
Note
Table 6-106, Pin Multiplexing does not include SerDes signal functions. For more information, refer to the Serializer/Deserializer (SerDes)
chapter in the device TRM.
Note
The PRU contains a second layer of multiplexing to enable additional functionality on the PRU GPO and GPI signals. This internal wrapper
multiplexing is described in the PRU chapter in the device TRM.
For more information on the I/O cell configurations, see Pad Configuration Registers section in Device Configuration chapter in the device TRM.
Table 6-106. Pin Multiplexing
ADDR
ESS
OFFSE
T
REGISTER
NAME
BALL
NUMB
ER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Bootstrap
0x1C00
0
WKUP_PADCON
FIG_0
B6
MCU_OSPI
0_CLK
MCU_HYP
ERBUS0_
CK
WKUP_GP
IO0_16
0x1C00
0
PADCONFIG_0
U6
EXTINTn
GPIO0_0
0x1C00
4
WKUP_PADCON
FIG_1
C8
MCU_OSPI
0_LBCLKO
MCU_HYP
ERBUS0_
CKn
WKUP_GP
IO0_17
0x1C00
4
PADCONFIG_1
AA17
RMII1_RX
D0
RGMII1_R
D0
RMII1_RX
D0
MCAN14_T
X
GPIO0_2
TRC_DATA
9
UART5_TX
D
MCASP1_
AXR3
GPMC0_A
D0
0x1C00
8
PADCONFIG_2
Y15
RMII1_RX
D1
RGMII1_R
D1
RMII1_RX
D1
MCAN14_
RX
GPIO0_3
EHRPWM_
TZn_IN2
TRC_DATA
8
UART5_RX
D
MCASP1_
AXR2
GPMC0_A
D1
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
82
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com